Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5502ACBZ-P2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5502ACBZ-P2
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502ACBZ-P2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5502ACBZ-P2 Datasheet HTML 17Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 18Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 19Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 20Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 21Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 22Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 23Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 24Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADL5502
Rev. A | Page 21 of 28
A three-stage process must be taken to measure and calculate
the crest factor of any waveform. First, the unknown signal
must be applied to the RF input and the corresponding VRMS
level is measured. This level is indicated in Figure 57 as
VVRMS-UNKNOWN
. The RF input, VIN, is calculated using
VVRMS-UNKNOWN
and Equation 5.
INPUT (V rms)
VRMS OF
UNKNOWN WAVEFORM
(RESULT INDEPENDENT
OF WAVEFORM)
PEAK OF
CW, CF = 0dB
PEAK OF
UNKNOWN WAVEFORM
0
VIN
VVRMS-UNKNOWN
VPEAK-CW
VPEAK-UNKNOWN
1
2
3
Figure 57. Procedure for Crest Factor Calculation
Next, the CW reference level of PEAK, VPEAK-CW, is calculated
using VIN (that is, the output voltage that would be seen if the
incoming waveform was a CW signal).
VPEAK-CW
= (VIN GainPEAK) + InterceptPEAK
(7)
Finally, the actual level of PEAK, VPEAK-UNKNOWN, is measured and
the CF can be calculated as
CF
= 20·log10 (VPEAK-UNKNOWN/VPEAK-CW)
(8)
where VPEAK-CW, is used as a reference point to compare
VPEAK-UNKNOWN
,. If both VPEAK values are equal, then the CF is 0 dB,
as shown in Figure 58 with the CW signal. Across the dynamic
range, the calculated CF hovers about the 0 dB line. Likewise, for
complex waveforms of 3 dB, 6 dB, and 9 dB CFs, the calculations
accurately hover about the corresponding CF levels.
–1
0
1
2
3
4
5
6
7
8
9
10
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
8-TONE WAVEFORM, 9dB CF
4-TONE WAVEFORM, 6dB CF
2-TONE WAVEFORM, 3dB CF
CW, 0dB CF
Figure 58. Reported Crest Factor of Various Waveforms
DRIFT OVER A REDUCED TEMPERATURE RANGE
Figure 59 and Figure 60 shows the error over temperature for a
1.9 GHz input signal. RMS error due to drift over temperature
consistently remains within ±0.25 dB and only begins to exceed
this limit when the ambient temperature rises above +65°C and
drops below −30°C. For all frequencies using a reduced
temperature range, higher measurement accuracy is achievable.
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm)
–30°C
0°C
+35°C
+65°C
–40°C
–10°C
+15°C
+55°C
+85°C
+25°C
–20°C
+5°C
+45°C
+75°C
Figure 59. VRMS Typical Drift at 1.9 GHz for Various Temperatures
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm)
–30°C
0°C
+35°C
+65°C
–40°C
–10°C
+15°C
+55°C
+85°C
+25°C
–20°C
+5°C
+45°C
+75°C
Figure 60. PEAK Typical Drift at 1.9 GHz for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com