Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5502ACBZ-P2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5502ACBZ-P2
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502ACBZ-P2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5502ACBZ-P2 Datasheet HTML 16Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 17Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 18Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 19Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 20Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 21Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 22Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 23Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADL5502
Rev. A | Page 20 of 28
For an ideal (known) input power, the law conformance error of
the measured data can be calculated as
ERROR
(dB) =
20 × log [(VVRMS, MEASURED − Intercept)/(Gain × VIN, IDEAL)] (6)
Figure 55 includes a plot of the error at 25°C, the temperature
at which the ADL5502 is calibrated. Note that the error is not
zero; this is because the ADL5502 does not perfectly follow the
ideal linear equation, even within its operating region. The error
at the calibration points is, however, equal to 0 by definition.
+85ºC +25ºC
–40ºC
–3
–2
–1
0
1
2
3
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
Figure 55. VRMS Error from Linear Reference vs. Input at −40°C, +25°C, and
+85°C vs. +25°C Linear Reference, Frequency 1900 MHz, Supply 3.0 V
Figure 55 also includes error plots for the output voltage at
−40°C and +85°C. These error plots are calculated using the
gain and intercept at 25°C. This is consistent with calibration in
a mass production environment where calibration at temperature is
not practical.
The same procedure should be followed to calculate the linearity
error for the PEAK output. In this case, replace VVRMS with
VPEAK in the preceding equations.
CALIBRATION FOR IMPROVED ACCURACY
Another way of presenting the error function of the ADL5502 is
shown in Figure 56. In this case, the dB error at hot and cold
temperatures is calculated with respect to the transfer function
at ambient temperature. This is a key difference in comparison to
the previous plots. Up until now, the errors were calculated with
respect to the ideal linear transfer function at ambient temperature.
When this alternative technique is used, the error at ambient
temperature becomes equal to zero by definition (see Figure 56).
This plot is a useful tool for estimating temperature drift at a
particular power level with respect to the (nonideal) response at
ambient. The linearity and dynamic range tend to be improved
artificially with this type of plot because the ADL5502 does not
perfectly follow the ideal linear equation (especially outside of
its linear operating range). Achieving this level of accuracy in
an end application requires calibration at multiple points in the
operating range of the device.
In some applications, very high accuracy is required at just one
power level or over a reduced input range. For example, in a
wireless transmitter, the accuracy of the high power amplifier
(HPA) is most critical at or close to full power. The ADL5502
offers a tight error distribution in the high input power range,
as shown in Figure 56. The high accuracy range, beginning
around 4 dBm at 1900 MHz, offers 8 dB of ±0.15 dB detection
error over temperature. Multiple point calibration at ambient
temperature in the reduced range offers precise power
measurement with near 0 dB error from −40°C to +85°C.
+85ºC
+25ºC
–40ºC
–3
–2
–1
0
1
2
3
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
Figure 56. VRMS Error from +25°C Output Voltage at −40°C, +25°C, and
+85°C After Ambient Normalization, Frequency 1900 MHz, Supply 3.0 V
Note that the high accuracy range center varies over frequency
(see Figure 13, Figure 14, Figure 15, Figure 19, Figure 20, and
Figure 21).
CALCULATION OF CREST FACTOR (CF)
The ADL5502 is a true rms power detector in combination with
an envelope detector that accurately determines the crest factor
of a modulated signal. The device has two outputs, VRMS and
PEAK, which respectively provide the rms and envelope peak of
the RF waveform present at RFIN. Therefore, these two outputs can
be used to accurately calculate the crest factor of the waveform.
Before CF can be measured and calculated, both of the ADL5502
outputs must be calibrated (see the Device Calibration and Error
Calculation section for the calibration procedure for VRMS and
PEAK). It is suggested that the calibration step be completed by
applying at least two input power levels with a CW signal. The
CW signal (with a CF of 0 dB) serves as the reference for the CF
calculation. When the characteristics (slope and intercept) of
the VRMS and PEAK outputs are known, the calibration for the
CF calculation is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com