Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5502ACBZ-P2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5502ACBZ-P2
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502ACBZ-P2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5502ACBZ-P2 Datasheet HTML 20Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 21Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 22Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 23Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 24Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 25Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 26Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 27Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADL5502
Rev. A | Page 24 of 28
Table 4. Evaluation Board Configuration Options
Component
Description
Default Condition
VPOS, GND
Ground and Supply Vector Pins.
Not applicable
C13, C14
Power Supply Decoupling. Nominal supply decoupling of 0.01 μF and 100 pF.
C13 = 0.1 μF (Size 0402)
C14 = 100 pF (Size 0402)
C17
Filter Capacitor. The internal rms averaging capacitor can be augmented by placing
additional capacitance in C17.
C17 = 10 nF (Size 0402)
R10, C15, C16
RF Input interface. The 75 Ω resistor at R10 combines with the ADL5502 internal input
impedance to give a broadband input impedance of around 50 Ω. The pads for components
C15, C16, and R10 can be used for more precise matching at a particular frequency.
R10 = 75 Ω (Size 0402)
C15, C16 = 0 Ω (Size 0402)
R3, R6, R11,
R12, C18, C19
Output Filtering. The combination of the internal 100 Ω output resistance and C18 produce
a low-pass filter to reduce output ripple of the VRMS output. Similarly, C19 and the internal
100 Ω output resistance form a low-pass filter at the PEAK output. Either output can be
scaled down using the resistor divider pads, R3, R11, R6, and R12.
R3, R6 = 0 Ω (Size 0402)
R11, R12 = open (Size 0402)
C18, C19 = open (Size 0402)
R1, SW1
Device Enable. When the switch is set toward the SW1 label, the ENBL pin is grounded
(through the 0 Ω resistor) putting the device in power-down mode. In the opposite switch
position, the ENBL pin is connected to VPOS and the ADL5502 is in enable mode. While the
switch is in the disabled position, the ENBL pin can be driven by a signal generator via the
SMA labeled ENBL. In this case, R1 must be removed or changed to provide a 50 Ω match.
R1 = 0 Ω (Size 0402)
SW1 = away from SW1 label
R7, R8, R13,
C20, SW2
Control Interface. When the switch is set toward the SW2 label, the CNTL pin is grounded
(through a 10 kΩ resistor) putting the device in peak-hold mode. In the opposite switch
position, the pin is connected to VPOS (through a 10 kΩ resistor) and the ADL5502 is in
reset mode. While the switch is in the peak-hold position, the CNTL pin can be driven by
a signal generator via the SMA labeled CNTL. In this case, R8 may be removed or changed to
provide a 50 Ω match. R13 and C20 allow for a low-pass filter design for the control pin.
R7, R8 = 10 kΩ (Size 0402)
R13 = 0 Ω (Size 0402)
C20 = Open (Size 0402)
SW2 = away from SW1 label
R2, R4, R5,
R9, C11, C12
Alternate Interface. The end connector, P1, allows access to various ADL5502 signals.
These signal paths are only used during factory test and characterization.
R2, R4, R5, R9 = 0 Ω (Size 0402)
C11 = 0.1 μF (Size 0402)
C12 = 100 pF (Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com