Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5502ACBZ-P2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5502ACBZ-P2
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502ACBZ-P2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5502ACBZ-P2 Datasheet HTML 7Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 8Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 9Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 10Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 11Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 12Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 13Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 14Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADL5502
Rev. A | Page 11 of 28
0
0.5
1.0
1.5
2.0
2.5
0
1000
2000
3000
4000
5000
6000
VRMS
PEAK
FREQUENCY (MHz)
Figure 22. VRMS and PEAK Conversion Gain vs. Frequency, Supply 3 V
–3
–2
–1
0
1
2
3
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
CW
12.2kbps, DPCCH (–5.46dB, 15kSPS) + DPDCH (0dB, 60kSPS), 3.4dB CF
144kbps, DPCCH (–11.48dB, 15kSPS) + DPDCH (0dB, 480kSPS), 3.3dB CF
768kbps, DPCCH (–11.48dB, 15kSPS) + DPDCH1 + 2 (0dB, 960kSPS), 5.8dB CF
DPCCH (–6.02dB, 15kSPS) + DPDCH (–4.08dB, 60kSPS) + HS-DPCCH (0dB, 15kSPS),
4.91dB CF
DPCCH (–6.02dB, 15kSPS) + DPDCH (–11.48dB, 60kSPS) + HS-DPCCH (0dB, 15kSPS),
5.34dB CF
DPCCH (–6.02dB, 15kSPS) + HS-DPCCH (0dB, 15kSPS), 5.44dB CF
Figure 23. Error from CW Linear Reference vs. Input with Various
W-CDMA Reverse Link Waveforms at 900 MHz, CFLTR = 10 nF, COUT = Open
CW
TEST MODEL 1 WITH 16 DPCH, 1 CARRIER
TEST MODEL 1 WITH 32 DPCH, 1 CARRIER
TEST MODEL 1 WITH 64 DPCH, 1 CARRIER
TEST MODEL 1 WITH 64 DPCH, 2 CARRIERS
TEST MODEL 1 WITH 64 DPCH, 3 CARRIERS
TEST MODEL 1 WITH 64 DPCH, 4 CARRIERS
–3
–2
–1
0
1
2
3
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
Figure 24. Error from CW Linear Reference vs. Input with Various
W-CDMA Forward Link Waveforms at 2200 MHz, CFLTR = 10 nF, COUT = Open
0
5
10
15
20
25
30
35
0
1000
2000
3000
4000
5000
6000
VRMS
PEAK
FREQUENCY (MHz)
Figure 25. VRMS and PEAK Intercept vs. Frequency, Supply 3 V
CW
PICH, 4.7dB
PICH + FCH (9.6kbps), 4.8dB CF
PICH + FCH (9.6kbps) + DCCH, 6.3dB CF
PICH + FCH (9.6kbps) + SCH (153.6kbps), 6.7dB
PICH + FCH (9.6kbps) + DCCH +SCH (153.6kbps), 7.6dB CF
–3
–2
–1
0
1
2
3
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
Figure 26. Error from CW Linear Reference vs. Input with Various
CDMA2000 Reverse Link Waveforms at 1900 MHz, CFLTR = 10 nF, COUT = Open
–3
–2
–1
0
1
2
3
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
CW
BPSK, 11dB CF
QPSK, 11dB CF
16QAM, 12dB CF
64QAM, 11dB CF
Figure 27. Error from CW Linear Reference vs. Input with Various
802.16 OFDM Waveforms at 3500 MHz, 10 MHz Signal BW, and
256 Subcarriers for All Modulated Signals, CFLTR = 10 nF, COUT = Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com