Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5502ACBZ-P2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5502ACBZ-P2
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502ACBZ-P2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5502ACBZ-P2 Datasheet HTML 3Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 4Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 5Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 6Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 7Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 8Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 9Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 10Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADL5502
Rev. A | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
7
6
5
4
8
TOP VIEW
(BALL SIDE DOWN)
BALL A1
CORNER
FLTR
VPOS
RFIN
VRMS
PEAK
CNTL
COMM
ENBL
ADL5502
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
FLTR
Modulation Filter Pin. Connection for an external capacitor to lower the corner frequency of the modulation filter.
2
VPOS
Supply Voltage Pin. Operational range 2.5 V to 3.3 V.
3
RFIN
Signal Input Pin. Internally ac-coupled after internal termination resistance. Nominal 500 Ω input impedance.
4
COMM
Device Ground Pin.
5
CNTL
Control Pin. Connect pin to ground for peak-hold mode. Connect pin to VS for reset mode (tracking envelope).
To measure the peak of a waveform, the control pin must be briefly set to high (reset mode for >1 μs) to start at a
known state.
6
PEAK
Envelope Peak Output. Voltage output for peak-hold function, with limited current drive capability. The output
has an internal 100 Ω series resistance. Low capacitance loads are recommended to allow for envelope tracking
and fast response time.
7
VRMS
RMS Output Pin. Rail-to-rail voltage output with limited current drive capability. The output has an internal 100 Ω
series resistance. High resistive loads and low capacitance loads are recommended to preserve output swing and
allow fast response.
8
ENBL
Enable Pin. Connect pin to VS for normal operation. Connect pin to ground for disable mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com