Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5502ACBZ-P2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5502ACBZ-P2
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502ACBZ-P2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5502ACBZ-P2 Datasheet HTML 8Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 9Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 10Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 11Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 12Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 13Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 14Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 15Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADL5502
Rev. A | Page 12 of 28
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
10
9
8
7
6
5
4
3
2
1
0
–1
8-TONE WAVEFORM, 9dB CF
4-TONE WAVEFORM, 6dB CF
2-TONE WAVEFORM, 3dB CF
CW, 0dB CF
Figure 28. Crest Factor vs. Input of Various Complex Waveforms, 900 MHz,
Temperatures −40°C, +25°C, and +85°C, Supply 3 V
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
10
9
8
7
6
5
4
3
2
1
0
–1
8-TONE WAVEFORM, 9dB CF
4-TONE WAVEFORM, 6dB CF
2-TONE WAVEFORM, 3dB CF
CW, 0dB CF
Figure 29. Crest Factor vs. Input of Various Complex Waveforms, 1900 MHz,
Temperatures −40°C, +25°C, and +85°C, Supply 3 V
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
10
9
8
7
6
5
4
3
2
1
0
–1
8-TONE WAVEFORM, 9dB CF
4-TONE WAVEFORM, 6dB CF
2-TONE WAVEFORM, 3dB CF
CW, 0dB CF
Figure 30. Crest Factor vs. Input of Various Complex Waveforms, 3500 MHz,
Temperatures −40°C, +25°C, and +85°C, Supply 3 V
ADL5502
FLTR
VPOS
RFIN
VRMS
PEAK
CNTL
POWER
SUPPLY
RF SIGNAL
GENERATOR
PULSE
GENERATOR
0.1µF
CFLTR
OSCILLOSCOPE
FET PROBE
AD811
732Ω
50Ω
ENBL
COMM
75Ω
100pF
8
4
1
2
3
7
6
5
Figure 31. Hardware Configuration for Output Response
During Reset Mode to Peak-Hold Transition
200μs/DIV
CNTL
PEAK
PEAK HOLD
(1ms)
464mV
459mV
400mV rms RF INPUT
Figure 32. PEAK Response during Peak -Hold Transition, Supply 3 V,
Frequency 900 MHz, CW Input, CFLTR = 10 nF, COUT = Open
1µs/DIV
PEAK
VRMS
CNTL
PEAK HOLD
ENV TRACK
RF INPUT
Figure 33. Reset Mode to Peak-Hold Transition, Supply 3 V, 900 MHz
Frequency, W-CDMA RL (CF = 5.8 dB) Waveform, CFLTR = 10 nF, COUT = Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com