Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTS751
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STTS751 Datasheet HTML 5Page - STMicroelectronics STTS751 Datasheet HTML 6Page - STMicroelectronics STTS751 Datasheet HTML 7Page - STMicroelectronics STTS751 Datasheet HTML 8Page - STMicroelectronics STTS751 Datasheet HTML 9Page - STMicroelectronics STTS751 Datasheet HTML 10Page - STMicroelectronics STTS751 Datasheet HTML 11Page - STMicroelectronics STTS751 Datasheet HTML 12Page - STMicroelectronics STTS751 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
STTS751
Functional description
Doc ID 16483 Rev 5
9/36
2
Functional description
The STTS751 digital temperature sensor acquires the temperature and stores it in the
temperature register. The resolution is programmable which allows the host controller to
select the optimal configuration between sensitivity and conversion times. The STTS751
can be placed in standby mode to minimize power consumption.
The user can control the update rate of the temperature measurements via the configuration
register (Table 15 on page 17). Sample rates can be adjusted from once every 16 seconds
up to 32 samples per second, in powers-of-2 steps.
These devices also offer a one-shot feature. When the device is in the standby mode, writing
to the one-shot register initiates a single temperature conversion. The result is compared
with the limit registers, and the outputs updated accordingly. Then the device returns to the
standby mode. Operating the device in this mode allows for very low average power
consumption, thereby making this device ideal for low power applications.
The device supports the SMBus Alert Response address (ARA) protocol. The ARA is polled
by the controller (host) device that supports this protocol whenever it detects that the
EVENT pin has been asserted. The STTS751 will respond with its device address (refer to
Section 3.8 on page 12).
The STTS751 contains 16 registers. The register summary is shown in Table 9 on page 13.
Using register addresses not specified in the table may result in an incorrect response.
These registers and their functions are described in more detail in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com