Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STTS751
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STTS751 Datasheet HTML 18Page - STMicroelectronics STTS751 Datasheet HTML 19Page - STMicroelectronics STTS751 Datasheet HTML 20Page - STMicroelectronics STTS751 Datasheet HTML 21Page - STMicroelectronics STTS751 Datasheet HTML 22Page - STMicroelectronics STTS751 Datasheet HTML 23Page - STMicroelectronics STTS751 Datasheet HTML 24Page - STMicroelectronics STTS751 Datasheet HTML 25Page - STMicroelectronics STTS751 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
EVENT output
STTS751
22/36
Doc ID 16483 Rev 5
5
EVENT output
The STTS751 EVENT output is open drain and requires a pull-up resistor.
The EVENT pin is asserted (low) whenever the temperature exceeds the high limit or is
equal to or below the low limit. Once asserted, the output will remain asserted until the
STTS751 receives an SMBus Alert Response Address (ARA) from the host and
acknowledges with its slave address. The output will be deasserted when the ARA is
acknowledged. If the triggering condition is still true, the output will be reasserted at the next
temperature conversion.
Figure 6 below shows how the EVENT output functions.
Figure 6.
EVENT output
AM03032v1
Temperature
Time
EVENT
SMBus ARA acknowledged
Temperature high limit
Temperature low limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com