Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STTS751
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STTS751 Datasheet HTML 7Page - STMicroelectronics STTS751 Datasheet HTML 8Page - STMicroelectronics STTS751 Datasheet HTML 9Page - STMicroelectronics STTS751 Datasheet HTML 10Page - STMicroelectronics STTS751 Datasheet HTML 11Page - STMicroelectronics STTS751 Datasheet HTML 12Page - STMicroelectronics STTS751 Datasheet HTML 13Page - STMicroelectronics STTS751 Datasheet HTML 14Page - STMicroelectronics STTS751 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
STTS751
SMBus interface
Doc ID 16483 Rev 5
11/36
3.2
WRITE byte
The WRITE byte protocol is used to write one byte of data to the registers as shown in
Table 4. The gray data is sent by the STTS751 while the white data is sent by the host.
3.3
READ byte
The READ byte protocol is used to read one byte of data from the registers as shown in
Table 5.
3.4
SEND byte
The SEND byte protocol is used to set the internal address register to the correct address. It
sends a register address with no data (see Table 6). The SEND byte can be followed by the
RECEIVE byte protocol described below in order to read data from the register.
3.5
RECEIVE byte
The RECEIVE byte protocol is used to read data from the register when the internal register
address pointer is known (see Table 7). This can be used for consecutive reads of the same
register.
Table 4.
SMBus WRITE byte protocol
Start
Slave address
WR
ACK
Register
address
ACK
Data
ACK
Stop
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
8 bits
1 bit
1 bit
Table 5.
SMBus READ byte protocol
Start
Slave address
WR
ACK
Register
address
ACK
Start
Slave address
RD
ACK
Data
NACK Stop
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
1 bit
Table 6.
SMBus SEND byte protocol
Start
Slave address
WR
ACK
Register address
ACK
Stop
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
1 bit
Table 7.
SMBus RECEIVE byte protocol
Start
Slave address
RD
ACK
Data
NACK
Stop
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
1 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com