Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STTS751
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STTS751 Datasheet HTML 8Page - STMicroelectronics STTS751 Datasheet HTML 9Page - STMicroelectronics STTS751 Datasheet HTML 10Page - STMicroelectronics STTS751 Datasheet HTML 11Page - STMicroelectronics STTS751 Datasheet HTML 12Page - STMicroelectronics STTS751 Datasheet HTML 13Page - STMicroelectronics STTS751 Datasheet HTML 14Page - STMicroelectronics STTS751 Datasheet HTML 15Page - STMicroelectronics STTS751 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
SMBus interface
STTS751
12/36
Doc ID 16483 Rev 5
3.6
SMBus addresses
The STTS751 is available in two versions. Each version has 4 slave addresses determined
by the pull-up resistor value connected to the Addr/Therm pin. Refer to Table 1 for valid
address and recommended resistor values. The device will not respond to an invalid slave
address.
3.7
SMBus timeout
The STTS751 supports SMBus timeout which is enabled by default at power-up. This can
be disabled via bit 7 in the timeout register, refer to Section 4.11: SMBus timeout register.
When timeout is enabled, the STTS751 will time out after 25 to 35 ms of inactivity.
The STTS751 supports the SMBus timeout feature. If the host holds SCL low or the device
drives SDA low for more than tTIMEOUT (max), the STTS751 resets and releases the bus.
This feature is turned on by default. The STTS751 also supports timeout while in standby
mode and when the device is driving SDA low.
Note:
The STTS751 never drives the clock line and it does not support clock stretching.
3.8
Alert response address
The STTS751supports the SMBus alert response address (ARA) protocol. In the event of
an out-of-limit temperature measurement, the EVENT output will be asserted. In response,
the host (supporting the ARA protocol) will send the SMBus Alert Response Address to the
general (slave) address of 0001_100b. All devices with active interrupts will respond with
their client addresses as shown in Table1 on page1 (with the LSB bit set to 0).
The STTS751 will acknowledge the ARA and respond with its slave device address. Table 8
shows the ARA transfer. See Section 5 for more information.
Table 8.
SMBus protocol response to ARA
Field
START
ALERT
RESPONSE
ADDRESS
RD
ACK
STTS751
SLAVE
ADDRESS
NACK
STOP
Bits
17
1
1
81
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com