Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STTS751
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STTS751 Datasheet HTML 13Page - STMicroelectronics STTS751 Datasheet HTML 14Page - STMicroelectronics STTS751 Datasheet HTML 15Page - STMicroelectronics STTS751 Datasheet HTML 16Page - STMicroelectronics STTS751 Datasheet HTML 17Page - STMicroelectronics STTS751 Datasheet HTML 18Page - STMicroelectronics STTS751 Datasheet HTML 19Page - STMicroelectronics STTS751 Datasheet HTML 20Page - STMicroelectronics STTS751 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
STTS751
STTS751 register summary
Doc ID 16483 Rev 5
17/36
4.6
Configuration register
The STTS751 configuration register is read/write and controls the functionality of
temperature measurements. It is located at address 03h. The configuration register bits
function as described below.
Description
MASK1: [bit 7]
0: EVENT is enabled. Any out-of-limit condition asserts the EVENT pin (active low).
1: EVENT is disabled.
RUN/STOP: [bit 6]
0: Device is running in continuous conversion mode.
1: Device is in standby mode drawing minimum power.
The RUN/STOP bit controls temperature conversions by the ADC. When this bit is 0, the
ADC converts temperatures in continuous mode, at a rate as selected by the Conversion
Rate register (Section 4.7). When the RUN/STOP bit is 1, the ADC will be in standby mode,
thus reducing current supply significantly.
Note:
The device can still be accessed via the SMBus while in standby mode.
When RUN/STOP is 1 and the one-shot register is written to, the ADC will execute a
temperature measurement and then return to standby mode.
[bit 5]: This bit must always be 0.
RFU: [bit 4] Not used - reserved.
Table 15.
Configuration register
ADDR
(hex)
R/W
Register
b7
b6
b5
b4
b3
b2
b1
b0
Power-up
default
(hex)
03
R/W
Configuration
MASK1 RUN/STOP
0
RFU
Tres1
Tres0
RFU
RFU
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com