Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STTS751
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STTS751 Datasheet HTML 14Page - STMicroelectronics STTS751 Datasheet HTML 15Page - STMicroelectronics STTS751 Datasheet HTML 16Page - STMicroelectronics STTS751 Datasheet HTML 17Page - STMicroelectronics STTS751 Datasheet HTML 18Page - STMicroelectronics STTS751 Datasheet HTML 19Page - STMicroelectronics STTS751 Datasheet HTML 20Page - STMicroelectronics STTS751 Datasheet HTML 21Page - STMicroelectronics STTS751 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
STTS751 register summary
STTS751
18/36
Doc ID 16483 Rev 5
Tres1:Tres0 [bits 3 and 2]
These bits select one of the four programmable resolutions for temperature data on the
STTS751 providing resolutions down to 0.0625 °C/LSB. The default resolution is 10 bits,
0.25 °C/LSB.
RFU [bits 1 and 0] Not used - reserved.
4.7
Conversion rate register
The STTS751 conversion rate register is read/write and controls the number of times the
temperature value will be updated each second.
The upper four bits of the register are reserved and default to 0 on power-up. The lower four
bits control the conversion rate as shown in the table below. The power-up default is 1
conversion per second. The current draw is proportional to the conversion rate, and goes up
at higher rates.
Table 16.
Conversion resolution
Tres1:Tres0
Temperature resolution
LSB step size (°C)
00
10 bits (default)
0.25
01
11 bits
0.125
11
12 bits
0.0625
10
9 bits
0.5
Table 17.
Conversion rate register
ADDR
(hex)
R/W
Register
b7
b6
b5
b4
b3
b2
b1
b0
Power-up
default (hex)
04
R/W
Conversion rate
0
0
0
0
CONV[3:0]
04 (1/sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com