Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STTS751
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STTS751 Datasheet HTML 23Page - STMicroelectronics STTS751 Datasheet HTML 24Page - STMicroelectronics STTS751 Datasheet HTML 25Page - STMicroelectronics STTS751 Datasheet HTML 26Page - STMicroelectronics STTS751 Datasheet HTML 27Page - STMicroelectronics STTS751 Datasheet HTML 28Page - STMicroelectronics STTS751 Datasheet HTML 29Page - STMicroelectronics STTS751 Datasheet HTML 30Page - STMicroelectronics STTS751 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
STTS751
DC and AC parameters
Doc ID 16483 Rev 5
27/36
VPV
Pull-up supply voltage
(open drain)
(Addr/Therm)–0.3
3.6
V
EVENT, SDA, SCL
–0.3
5.5
V
VPOR
Power On Reset threshold
(POR) - TS
VDD falling edge
1.75
V
tTIMEOUT
SMBus timeout(5)
25
35
ms
tSP
Spike suppression
Pulse width of spikes that must
be suppressed by the input filter
Input filter on SCL and
SDA
50
ns
1.
Valid for ambient operating temperature: TA = –40 to +125 °C; VDD = 2.25 V to 3.6 V (except where noted).
2.
Typical numbers are for TA = +25 °C; VDD = 3.0 V
3.
Not tested, guaranteed by design.
4.
Accuracy measurements made at resolutions > 10 bits.
5.
SMBus timeout min and max are valid for TA = –30 to +125 °C.
Table 28.
DC and AC characteristics (continued)
Symbol
Description
Test condition(1)
Min
Typ(2)
Max
Unit
Table 29.
AC characteristics
Symbol
Description
Min
Typ
Max
Unit
fSCL
SMBus/I2C clock frequency
10
400
kHz
tHIGH
Clock high period
600
ns
tLOW
Clock low period
1.3
µs
tR
Clock/data rise time
300
ns
tF
Clock/data fall time
300
ns
tSU:DAT
Data setup time
100
ns
tHD:DI
Data in hold time
0
ns
tHD:DAT
Data out hold time
300
ns
tSU:STA
Start condition setup time
600
ns
tHD:STA
Hold time after (repeated) start condition. After this period,
the first clock cycle is generated.
600
ns
tSU:STO
Stop condition setup time
600
ns
tBUF
Bus free time between stop (P) and start (S) conditions
1.3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com