Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STTS751
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STTS751 Datasheet HTML 15Page - STMicroelectronics STTS751 Datasheet HTML 16Page - STMicroelectronics STTS751 Datasheet HTML 17Page - STMicroelectronics STTS751 Datasheet HTML 18Page - STMicroelectronics STTS751 Datasheet HTML 19Page - STMicroelectronics STTS751 Datasheet HTML 20Page - STMicroelectronics STTS751 Datasheet HTML 21Page - STMicroelectronics STTS751 Datasheet HTML 22Page - STMicroelectronics STTS751 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
STTS751
STTS751 register summary
Doc ID 16483 Rev 5
19/36
Note:
The user must program the conversion rate and resolution bits (Tres1:Tres0 in the
configuration register, address 03h) to be consistent with this table. For a sampling rate of
32 conversions per second, the maximum resolution is 10 bits. For 16 conversions per
second, the maximum is 11 bits.
4.8
One-shot register
The STTS751 can be configured to perform a single temperature conversion on demand.
When the device is placed in standby mode (by setting RUN/STOP to 1 in the configuration
register) a write to the one-shot register will invoke a temperature conversion. The device
will set the busy bit while the conversion is in progress. The conversion is complete when
the busy bit is cleared. The STTS751 returns to standby mode upon completion of the
conversion.
The one-shot register is write-only and is located at address 0Fh. The value written to
invoke the one-shot conversion is a don't care. The device responds only to the write at
address 0Fh and ignores the value written.
Note:
Writes to the one-shot register will be ignored when the STTS751 is in continuous
conversion mode (ie. when RUN/STOP=0).
Table 18.
Conversion rates
CONV[3:0]
(hex)
Conversions per second
Typical current (µA)
Comment
00.0625
15
1
0.125
20.25
30.5
41
20
52
64
78
50
8
16
9, 10, or 11-bit resolutions only
9
32
125
9 or 10-bit resolutions only
A-F
reserved
Table 19.
One-shot register
ADDR
(hex)
R/W
Register
b7
b6
b5
b4
b3
b2
b1
b0
Power-up
default (hex)
0F
W
One shot
X
X
X
X
X
X
X
X
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com