Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC07424LP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC07424LP Datasheet HTML 1Page - Sanyo Semicon Device LC07424LP Datasheet HTML 2Page - Sanyo Semicon Device LC07424LP Datasheet HTML 3Page - Sanyo Semicon Device LC07424LP Datasheet HTML 4Page - Sanyo Semicon Device LC07424LP Datasheet HTML 5Page - Sanyo Semicon Device LC07424LP Datasheet HTML 6Page - Sanyo Semicon Device LC07424LP Datasheet HTML 7Page - Sanyo Semicon Device LC07424LP Datasheet HTML 8Page - Sanyo Semicon Device LC07424LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Ordering number : ENA1619
CMOS IC
Audio CODEC with Video Driver
LC07424LP
Overview
The LC07424LP is an audio CODEC that has a built-in speaker amplifier and Line amplifier and incorporates a video
driver.
A input line selector and ALC circuit are provided in the audio recording system.
A speaker amplifier and line output are provided in the playback system. A video driver that obviates the need for an
output coupling capacitor is also included to enable AV playback processing with the single chip.
Features
• Audio systems can be configured using this single chip since almost all the audio system circuits are provided.
• A high-performance ALC/limiter circuit that meets a variety of different conditions is incorporated.
• A wide range of different functions can be set using parameter settings.
Functions
Recording system
• ADC
: stereo single circuit, ∆∑Method 16bit,THD+N=-80dB(TYP, -1dBFS for input time)
• input to line
: stereo single circuit, MIC Amplifier output
• analog PGA
: stereo single circuit, for recording ALC, +34dB to -14dB (0.5dB step)
• ALC
: The ADC output is detecting phase, analog PGA is controlled automatically.
Playback system
• DAC
: stereo single circuit, ∆∑Method 16bit,THD+N=-80dB(TYP, 0dBFS for input time)
• Digital filter
: De-emphasis filter, (fs=>48kHz/44.1kHz/32kHz)
• Speaker amplifier
: monaural single circuit, EVR block (+0dB to -65.2dB MUTE),
BTL drive, 250mW (TYP 8Ω VDDsp=2.8V THD+N=1%)
Video system
• Video driver
: 1 circuit. Y / C input and Video output. Compatible with changeover between the sag
compensation type and DC direct-coupling type
• LPF
: fc=8MHz
• Amplifier gain
: 6.5dB±1.7dB, 0.1dB/step
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
12710 SY No.A1619-1/32


Similar Part No. - LC07424LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC07422T SANYO-LC07422T Datasheet
105Kb / 10P
CMOS IC Audio CODEC with Video Driver
More results

Similar Description - LC07424LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC07422T SANYO-LC07422T Datasheet
105Kb / 10P
CMOS IC Audio CODEC with Video Driver
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
CMOS IC Monaural CODECAudio I/F Video driver IC
LC0710LG SANYO-LC0710LG Datasheet
432Kb / 36P
Monaural CODEC Audio I/F Video Driver
LC07410LG SANYO-LC07410LG Datasheet
479Kb / 36P
Monaural CODEC Audio I/F Video Driver
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
116Kb / 2P
Multichannel H.264 Audio/Video Codec
June 21, 2013
TW2819 INTERSIL-TW2819 Datasheet
143Kb / 2P
Multichannel H.264 Audio/Video Codec
July 31, 2015
logo
Renesas Technology Corp
TW2809C1 RENESAS-TW2809C1 Datasheet
3Mb / 130P
Multichannel H.264 Audio/Video Codec
logo
Nuvoton Technology Corp...
NAU8812 NUVOTON-NAU8812 Datasheet
2Mb / 110P
Mono Audio Codec with Speaker Driver
WAU8812 NUVOTON-WAU8812 Datasheet
702Kb / 15P
Mono Audio Codec with Speaker Driver
logo
Renesas Technology Corp
TW2809C RENESAS-TW2809C Datasheet
4Mb / 130P
Multichannel H.264 Audio/Video Codec
February 27, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com