Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC07424LP Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 9Page - Sanyo Semicon Device LC07424LP Datasheet HTML 10Page - Sanyo Semicon Device LC07424LP Datasheet HTML 11Page - Sanyo Semicon Device LC07424LP Datasheet HTML 12Page - Sanyo Semicon Device LC07424LP Datasheet HTML 13Page - Sanyo Semicon Device LC07424LP Datasheet HTML 14Page - Sanyo Semicon Device LC07424LP Datasheet HTML 15Page - Sanyo Semicon Device LC07424LP Datasheet HTML 16Page - Sanyo Semicon Device LC07424LP Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LC07424LP
7. SP AMP
This is the monaural speaker amplifier. Its maximum output is 250mW (typ VDD =2.8V, 8Ω, THD+N = 10%).
This amplifies the MIX circuit output. EVR (+0dB to -65.2dB) is mounted.
A thermal shutdown function is provided. When it is left enabled, the speaker amplifier operation is automatically
shut down when the chip temperature has reached a high level.
8. Video driver
Either the sag compensation type or DC direct coupling type is selectable.
The gain adjustment circuit (6.5dB±1.7dB, 0.1dB/step) is mounted.
9. Register settings
This is a 3-line system serial control circuit. The three lines are CS_X (Chip Select/low active), SCLK (Serial Clock)
and SDin (Serial Data). Data can only be written into the register: The register data cannot be read out.
The data transfer rate—in other words, the maximum SCLK frequency—depends on the MCLK pin clock. For
details, refer to the section “Switching characteristics.”
10. Master clock
The master clock frequency is 256fs. This clock signal must be input from the MCLK pin.
11. Audio data formats
I2S, left justification and right justification modes are supported. It is possible to select master or slave mode for
BCLK and LRCLK. For details, refer to the section “Audio data formats.”
Microcontroller Serial Interface
The internal registers values are written by the serial interface consisting of the three CS_X, SCLK, and SDin lines.
When the CS_X pin is set low, the LC07424LP is switched into the mode that enables operation. The data is received
on a byte basis with MSB first. Continuous access (burst access) is also possible, and the addresses incremented by 1
are accessed in sequence with each byte following access to the register specified by the address byte.
If the size of data exceeding the highest address (1Dh) is accessed in this process, the data concerned is treated as
invalid. In other word, the address never wraps around to 00 (HEX). The maximum data transfer rate (maximum SCLK
frequency) depends on the MCLK pin clock. Refer to the section "Switching characteristics."
CS_X
SCLK
SDin
WRITE DATA (address A)
ADDRESS BYTE
X
X
X
X
X
X
A[7] A[6] A[5] A[4] A[3] A[2] A[1] A[0] D[7] D[6] D[5] D[4] D[3] D[2] D[1] D[0]
A [7:0] : Designated address
D [7:0] : Register data
X
: Invalid
Transferring data to one address
Data (D) is written in address (A)
CS_X
SCLK
SDin
WRITE DATA (address A)
ADDRESS BYTE
WRITE DATA (address A+1)
D
D
D
D
D
D
D
D
A
A
A
g
A
A
A
D
D
D
D
D
D
D
D
D0[7] D0[6] D0[5] D0[4] D0[3] D0[2] D0[1] D0[0]
Dn[0]
X
X
X
X
D
D1[7]D1[6]D1[5]D1[4]D1[3]D1[2]D1[1]D1[0]
A
A[6] A[5] A[4] A[3] A[2] A[1] A[0]
A[7]
Transferring data to contiguous addresses
Data (D0) is written in address (A), and data (D1) is written into address (A+1).
No.A1619-13/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com