Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC07424LP Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 17Page - Sanyo Semicon Device LC07424LP Datasheet HTML 18Page - Sanyo Semicon Device LC07424LP Datasheet HTML 19Page - Sanyo Semicon Device LC07424LP Datasheet HTML 20Page - Sanyo Semicon Device LC07424LP Datasheet HTML 21Page - Sanyo Semicon Device LC07424LP Datasheet HTML 22Page - Sanyo Semicon Device LC07424LP Datasheet HTML 23Page - Sanyo Semicon Device LC07424LP Datasheet HTML 24Page - Sanyo Semicon Device LC07424LP Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LC07424LP
No.A1619-21/32
Line input circuits
ALC_LI_L: ACL LIne select Left channel
ALC_LI_R: ALC LIne select Right channel
ADRS
Bit
Name
INIT
Description
[4]
ALC_LI_L
1b
Lch Line input selection
1: Selection
0: Non-selection (LIN_L pin enters the OPEN state.)
02h
[0]
ALC_LI_R
1b
Rch Line input selection
1: Selection
0: Non-selection (LIN_R pin enters the OPEN state.)
ALC circuit settings
ALC_VAL
: ALC VALue
ALC_FA
: ALC Factor Attack
ALC_FR
: ALC Factor Recovery
ALC_ZCD
: ALC Zero Cross Detect
ALC_ZCDTM
: ALC Zero Cross Detect TiMe out
ALC_FULLEN : ALC FULL scale detect ENable
ALC_ATLIM
: ALC ATtack LIMit
ALC_RWT
: ALC Recovery Waiting Time
ALC_OFF
: ALC operation OFF
ALC_VMAX
: ALC Value MAX
ALC_MUTE_L : ALC MUTE Left channel
ALC_DVL
: ALC Digital Value Left channel
ALC_MUTE_R : ALC MUTE Right channel
ALC_DVR
: ALC Digital Value Right channel
ADRS
Bit
Name
INIT
Description
[7:5]
ALC_VAL[2:0]
001b
ALC circuit, ALC value (limiter level) setting *1
111:-10dBFS 110: -9dBFS 101: -8dBFS 100: -7dBFS
011: -6dBFS 010: -5dBFS 001: -4dBFS 000: -3dBFS
[4:3]
ALC_FA[1:0]
11b
ALC circuit, Attack factor setting
Gain DOWN amount at fs cycle *2
11: (1 / 8)dB 10: (1 / 4)dB 01: (1 / 2)dB 00: (1 / 1)dB
03h
[2:0]
ALC_FR[2:0]
101b
ALC circuit、Recovery factor setting
Gain UP amount at fs cycle *3
111: (1 / 2^14)dB 110: (1 / 2^13)dB 101: (1 / 2^12)dB 100: (1 / 2^11)dB
011: (1 / 2^10)dB 010: (1 / 2^9)dB 001: (1 / 2^8)dB 000: (1 / 2^7)dB
‹*1› For example, -10dBFS (dB Full Scale) is on the level 10 dB lower than the Full Scale.
‹*2› For example, [ALC_FA] = 11b causes 1 dB gain DOWN at the eight cycle of fs.
‹*3› For example, [ALC_FR] = 111b causes 1 dB gain UP at the 2^14 (=16384) cycle of fs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com