Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC07424LP Datasheet(PDF) 29 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 29 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 24Page - Sanyo Semicon Device LC07424LP Datasheet HTML 25Page - Sanyo Semicon Device LC07424LP Datasheet HTML 26Page - Sanyo Semicon Device LC07424LP Datasheet HTML 27Page - Sanyo Semicon Device LC07424LP Datasheet HTML 28Page - Sanyo Semicon Device LC07424LP Datasheet HTML 29Page - Sanyo Semicon Device LC07424LP Datasheet HTML 30Page - Sanyo Semicon Device LC07424LP Datasheet HTML 31Page - Sanyo Semicon Device LC07424LP Datasheet HTML 32Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LC07424LP
No.A1619-29/32
Description of ALC operation
‹ Note › [xxxx] is a register name.
The ALC (Automatic Level Control) function performs automatic adjustment so that the audio level becomes the set value.
The amplifier gain of PGA (Programmable Gain Amplifier) is automatically controlled so that the ADC output audio level
becomes equal to the ALC value [ALC_VAL].
The PGA gain variable range is +34dB to -14dB. This range helps setting the maximum value [ALC_VMAX].
=› By setting [ALC_VMAX] to the maximum value (+34dB), the ALC function can be used to the maximum limit.
=› By setting [ALC_VMAX] to the gain zero (+0dB), there is no gain in the "+" direction. Namely, the operation becomes
equivalent to the limiter function.
ALC settings
• Power down function
When [ALC_PDX]=0, the ALC circuit enters the power DOWN mode.
• System operation
This is done by digitally processing and feeding back the ADC data.
For this purpose, the ADC function becomes necessary.
Therefore, to activate the ALC function;
[ALC_PDX]=1 (ALC power DOWN mode OFF )
[ALC_OFF]=0 (ALC function ON)
[ADC_A_PDX]=1, [ADC_D_PDX]=1 (ADC activated)
Manual mode (ALC Function OFF)
With [ALC_OFF]=1, the manual mode becomes effective.
The PGA gain becomes the [ALC_DVL] and [ALC_DVR] values.
ALC operating
There are "attack" and "recovery" operations. See the operation chart on the next page.
(1) Attack operations
When the PGA output exceeds the ALC value [ALC_VAL], the PGA gain is lowered in a ratio of the attack
factor [ALC_FA].
With zero cross detection [ALC_ZCD]=1, the gain reduction between zero crosses is limited by the limit
value [ALC_ATLIM].
(2) Recovery operations
When the PGA output is 2dB less than the ALC value [ALC_VAL] and this state continues for the recovery
standby period [ALC_RWT], the PGA gain is increased in a ratio of the recovery factor [ALC_FR].
The PGA gain increase continues while the state in which the gain is 2dB less than the ALC value
[ALC_VAL].
The PGA gain increment between zero crosses is maximum 1 dB.
Functions common to (1) and (2)
• Zero cross detection
With [ALC_ZCD]=1, PGA gain change occurs only when the PGA output is in the zero cross timing.
With [ALC_ZCD]=0, PGA gain change is made regardless of whether or not PGA output is zero cross.
• Zero cross timeout
If the PGA output does not zero cross, the zero cross signal is generated internally if there is no zero cross
signal for the period of zero cross timeout value [ALC_ZCDTM].
• Average output amplitude control
In the attack operation by spike noise, etc., the average output amplitude becomes small.
To prevent this, the recover speed is raised automatically above the [ALC_FR] set value in the case of
excessively large input for a short period (tSN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com