Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC07424LP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC07424LP Datasheet HTML 1Page - Sanyo Semicon Device LC07424LP Datasheet HTML 2Page - Sanyo Semicon Device LC07424LP Datasheet HTML 3Page - Sanyo Semicon Device LC07424LP Datasheet HTML 4Page - Sanyo Semicon Device LC07424LP Datasheet HTML 5Page - Sanyo Semicon Device LC07424LP Datasheet HTML 6Page - Sanyo Semicon Device LC07424LP Datasheet HTML 7Page - Sanyo Semicon Device LC07424LP Datasheet HTML 8Page - Sanyo Semicon Device LC07424LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LC07424LP
common
• Power down
: Controllable for each function block
• Sampling frequency : fs=48kHz / 44.1kHz / 32kHz
• Audio data format
: I2S / forward justification / backward justification BCLK=64fs / 32fs master/slave mode
• Microcomputer
serial data format
(resister setting)
: 3-wire type (chip select, clock, data)
• Master clock
: 256fs (MCLK pin input)
Power Supply Voltage
Package Dimensions
VDDdig(digital core) =1.8V(1.71 to 3.6V)
unit : mm(typ)
VDDio(digital IO)
=1.8V(1.71 to 3.6V)
3302A
VDDana(analog)
=2.8V(2.6 to 3.6V)
SANYO : VQLP40(5.0X5.0)
0.2
5.0
1
40
0.35
(0.7)
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
2
VDDsp(speaker)
=2.8V(2.6 to 3.6V)
VDDh(analog)
=4.8V(4.5 to 5.5V)
VDDv(video)
=2.8V(2.6 to 3.6V)
VDDvh(video)
=4.8V(4.5 to 5.5V)
Pin Assignment
1
40 TESTin
39
38
37
36
35
34
33
32
31
BCLK
LRCLK
MCLK
RESET_X
VDDana
Vref_C
VSSana
Lin_R
Lin_L
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
G_PORT2
VDDv
VSSv
Yin
Cin
Vref_v_C
Vsag
Vout
VDDvh
VSSvh
21
22
23
24
25
26
27
28
29
30
LC07424LP
Top view
No.A1619-2/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com