Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC07424LP Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC07424LP Datasheet HTML 1Page - Sanyo Semicon Device LC07424LP Datasheet HTML 2Page - Sanyo Semicon Device LC07424LP Datasheet HTML 3Page - Sanyo Semicon Device LC07424LP Datasheet HTML 4Page - Sanyo Semicon Device LC07424LP Datasheet HTML 5Page - Sanyo Semicon Device LC07424LP Datasheet HTML 6Page - Sanyo Semicon Device LC07424LP Datasheet HTML 7Page - Sanyo Semicon Device LC07424LP Datasheet HTML 8Page - Sanyo Semicon Device LC07424LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LC07424LP
No.A1619-4/32
Pin Description
(Note) I/O: I=> input, Is=> Schmitt input, O=> output, IOs=> Schmitt input/output
PIN No.
I/O
Pin Name
Description
Digital System
36
Is
RESET_X
Reset (negative polarity)
37
I
MCLK
Master Clock
38
IOs
LRCLK
LR Clock (sample rate clock) Audio IF
39
IOs
BCLK
B Clock (serial data bit clock) Audio IF
40
I
TESTin
For IC testing (VSS fixed in normal operation)
1
Is
DAC_Din
DAC serial data input Audio IF
2
O
ADC_Dout
ADC serial data output Audio IF
3
Is
CS_X
Chip select (negative polarity)
Microcontroller IF
4
Is
SCLK
Serial clock Microcontroller IF
5
Is
SDin
Serial data input Microcontroller IF
9
IOs
G_PORT0
For IC testing (open in normal operation)
10
IOs
G_PORT1
For IC testing (open in normal operation)
11
O
G_PORT2
For IC testing (open in normal operation)
Analog system
14
I
Yin
Y signal input
15
I
Cin
C signal input
16
O
Vref_v_C
Reference voltage (Video system) Connect an external capacitor
17
-
Vsag
Video signal output, for sag compensation. Connect an external capacitor
18
O
VOUT
Video signal output.
22
O
SPn
Speaker output
25
O
SPp
Speaker output
27
O
Vref_H_C
Reference voltage (4.8V system) Connect an external capacitor
29
O
Lout_L
Line output, Left channel
30
O
Lout_R
Line output, Right channel
31
I
Lin_L
Line input, Left channel
32
I
Lin_R
Line intput, Right channel
34
O
Vref_C
Reference voltage (2.8V system) Connect an external capacitor
Power pin, other
6
-
VDDdig
Digital power supply
7
-
VSSdig
Digital ground
8
-
VDDio
Digital IO power supply
12
-
VDDv
Analog power supply for video driver
13
-
VSSv
Analog ground for video driver
19
-
VDDvh
4.8V system analog power supply for video driver
20
-
VSSvh
4.8V system analog ground for video driver
21
-
N.C.
No connect
23
-
VDDsp
Speaker analog power supply
24
-
VSSsp
Speaker analog ground
26
-
VDDh
4.8V system analog power supply
28
-
VSSh
4.8V system analog ground
33
-
VSSana
Analog ground
35
-
VDDana
Analog power supply
Pin treatment when not using
• Keep the analog input/output pin in the OPEN state.
LIN_L, LIN_R, LOUT_L, LOUT_R, YIN, CIN, VOUT, Vsag
• Keep the digital output pin in the OPEN state.
• Do not keep the digital input pin in the OPEN state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com