Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC07424LP Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC07424LP Datasheet HTML 1Page - Sanyo Semicon Device LC07424LP Datasheet HTML 2Page - Sanyo Semicon Device LC07424LP Datasheet HTML 3Page - Sanyo Semicon Device LC07424LP Datasheet HTML 4Page - Sanyo Semicon Device LC07424LP Datasheet HTML 5Page - Sanyo Semicon Device LC07424LP Datasheet HTML 6Page - Sanyo Semicon Device LC07424LP Datasheet HTML 7Page - Sanyo Semicon Device LC07424LP Datasheet HTML 8Page - Sanyo Semicon Device LC07424LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LC07424LP
Pin internal equivalent circuit
Digital pin
The input/output level can be set with the VDDio pin supply voltage.
VDDio
VDDio
No.A1619-5/32
Analog pin
Speaker AMP
Line IN / OUT
VREF
P27 Vref_H_C
P34 Vref_C
VDDana
VDDana
VSSana
VSSana
(Note) The resistance value is the
TYPvalue.
P22 SPn
P25 SPp
VDDsp
VSSsp
P31 LIN_L
P32 LIN_R
20kΩ
500kΩ
VSSana
VDDana
P29 LOUT_L
P30 LOUT_R
VSSh
VSSh
VDDh
VDDh
20k
Ω
Vref_H_C
P2 ADC_Dout
P11 GPORT2
P37 MCLK
P40 TESTin
S
P36 RESET_X
P1 DAC_Din
P3 CS_X
P4 SCLK
schmitt
VDDio
schmitt
P38 LRCLK
P39 BCLK
P9 GPORT0
P10 GPORT1
S
VDDio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com