Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC07424LP Datasheet(PDF) 25 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 25 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 21Page - Sanyo Semicon Device LC07424LP Datasheet HTML 22Page - Sanyo Semicon Device LC07424LP Datasheet HTML 23Page - Sanyo Semicon Device LC07424LP Datasheet HTML 24Page - Sanyo Semicon Device LC07424LP Datasheet HTML 25Page - Sanyo Semicon Device LC07424LP Datasheet HTML 26Page - Sanyo Semicon Device LC07424LP Datasheet HTML 27Page - Sanyo Semicon Device LC07424LP Datasheet HTML 28Page - Sanyo Semicon Device LC07424LP Datasheet HTML 29Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LC07424LP
Speaker amplifier circuits
SP_GAIN
: SPeaker evr GAIN
SP_ZCD
: SPeaker Zero Cross Detect
SP_ZCDTM
: SPeaker Zero Cross Detect TiMe out
SP_SOFTSW
: SPeaker SOFT SWitch
SP_SSC
: SPeaker Soft Switch time Control
ADRS
Bit
Name
Init
Description
0Ch
[5:0]
SP_GAIN
00b
Gain setting for the speaker amplifier circuit and EVR circuit
See Table 8.4.
No.A1619-25/32
[5]
SP_ZCD
1b
Speaker amplifier circuit. Gain change in the zero cross timing.
1: Gain changed in the zero cross timing
0: Gain changed without waiting for the zero cross timing
0Eh
[4:3]
SP_ZCDTM
01b
Speaker amplifier circuit. Time setting at zero cross timeout
11:1024 (1 / fs) 10: 512 (1 / fs) 01: 256 (1 / fs) 00: 128 (1 / fs)
[2]
SP_SOFTSW
1b
Speaker amplifier circuit. Soft switch function setting
1:ON 0:OFF
[1:0]
SP_SSC
11b
Speaker amplifier circuit. Time setting when soft switch operates
11: 200ms 10: 100ms 01: 50ms 00: 10ms
[SP_GAIN]
gain (dB)
[SP_GAIN]
gain(dB)
[SP_GAIN]
gain (dB)
[SP_GAIN]
gain (dB)
3Fh
0.0
2Fh
-2.2
1Fh
-8.4
0Fh
-24.6
3Eh
-0.1
2Eh
-2.4
1Eh
-9.2
0Eh
-26.2
3Dh
-0.2
2Dh
-2.6
1Dh
-10.0
0Dh
-28.0
3Ch
-0.3
2Ch
-2.7
1Ch
-10.7
0Ch
-30.4
3Bh
-0.4
2Bh
-2.9
1Bh
-11.5
0Bh
-32.4
3Ah
-0.5
2Ah
-3.3
1Ah
-12.1
0Ah
-35.0
39h
-0.6
29h
-3.6
19h
-12.9
09h
-37.5
38h
-0.7
28h
-3.9
18h
-13.8
08h
-39.7
37h
-0.8
27h
-4.1
17h
-14.9
07h
-42.6
36h
-0.9
26h
-4.4
16h
-15.7
06h
-45.8
35h
-1.0
25h
-5.0
15h
-16.8
05h
-48.7
34h
-1.2
24h
-5.4
14h
-17.8
04h
-51.8
33h
-1.4
23h
-6.0
13h
-18.8
03h
-54.7
32h
-1.6
22h
-6.5
12h
-19.7
02h
-57.8
31h
-1.8
21h
-6.9
11h
-21.3
01h
-60.8
30h
-2.0
20h
-7.6
10h
-22.8
00h
-65.2
Table 8.4. Speaker EVR circuit gain setting (TYP value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com