Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF032B Datasheet(PDF) 24 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 24 Page - Microchip Technology

Back Button SST25VF032B Datasheet HTML 20Page - Microchip Technology SST25VF032B Datasheet HTML 21Page - Microchip Technology SST25VF032B Datasheet HTML 22Page - Microchip Technology SST25VF032B Datasheet HTML 23Page - Microchip Technology SST25VF032B Datasheet HTML 24Page - Microchip Technology SST25VF032B Datasheet HTML 25Page - Microchip Technology SST25VF032B Datasheet HTML 26Page - Microchip Technology SST25VF032B Datasheet HTML 27Page - Microchip Technology SST25VF032B Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
©2011 Silicon Storage Technology, Inc.
S71327-04-000
02/11
24
32 Mbit SPI Serial Flash
SST25VF032B
Data Sheet
A Microchip Technology Company
Table 14:AC Operating Characteristics
Symbol
Parameter
25 MHz
66 MHz
80 MHz
Units
Min
Max
Min
Max
Min
Max
FCLK1
Serial Clock Frequency
25
66
80
MHz
TSCKH
Serial Clock High Time
18
6.5
6
ns
TSCKL
Serial Clock Low Time
18
6.5
6
ns
TSCKR2
Serial Clock Rise Time (Slew
Rate)
0.1
0.1
0.1
V/ns
TSCKF
Serial Clock Fall Time (Slew
Rate)
0.1
0.1
0.1
V/ns
TCES3
CE# Active Setup Time
10
5
5
ns
TCEH3
CE# Active Hold Time
10
5
5
ns
TCHS3
CE# Not Active Setup Time
10
5
5
ns
TCHH3
CE# Not Active Hold Time
10
5
5
ns
TCPH
CE# High Time
100
50
50
ns
TCHZ
CE# High to High-Z Output
15
7
7
ns
TCLZ
SCK Low to Low-Z Output
0
0
0
ns
TDS
Data In Setup Time
5
2
2
ns
TDH
Data In Hold Time
5
4
4
ns
THLS
HOLD# Low Setup Time
10
5
5
ns
THHS
HOLD# High Setup Time
10
5
5
ns
THLH
HOLD# Low Hold Time
10
5
5
ns
THHH
HOLD# High Hold Time
10
5
5
ns
THZ
HOLD# Low to High-Z Output
20
7
7
ns
TLZ
HOLD# High to Low-Z Output
15
7
7
ns
TOH
Output Hold from SCK Change
0
0
0
ns
TV
Output Valid from SCK
15
6
6
ns
TSE
Sector-Erase
25
25
25
ms
TBE
Block-Erase
25
25
25
ms
TSCE
Chip-Erase
50
50
50
ms
TBP4
Byte-Program
10
10
10
µs
T14.0 1327
1. Maximum clock frequency for Read Instruction, 03H, is 25 MHz
2. Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements
3. Relative to SCK.
4. TBP of AAI-Word Programming is also 10 µs maximum time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com