Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF032B Datasheet(PDF) 16 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST25VF032B Datasheet HTML 12Page - Microchip Technology SST25VF032B Datasheet HTML 13Page - Microchip Technology SST25VF032B Datasheet HTML 14Page - Microchip Technology SST25VF032B Datasheet HTML 15Page - Microchip Technology SST25VF032B Datasheet HTML 16Page - Microchip Technology SST25VF032B Datasheet HTML 17Page - Microchip Technology SST25VF032B Datasheet HTML 18Page - Microchip Technology SST25VF032B Datasheet HTML 19Page - Microchip Technology SST25VF032B Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
©2011 Silicon Storage Technology, Inc.
S71327-04-000
02/11
16
32 Mbit SPI Serial Flash
SST25VF032B
Data Sheet
A Microchip Technology Company
32-KByte and 64-KByte Block-Erase
The 32-KByte Block-Erase instruction clears all bits in the selected 32 KByte block to FFH. A Block-
Erase instruction applied to a protected memory area will be ignored. The 64-KByte Block-Erase instruc-
tion clears all bits in the selected 64 KByte block to FFH. A Block-Erase instruction applied to a protected mem-
ory area will be ignored. Prior to any Write operation, the Write-Enable (WREN) instruction must be executed.
CE# must remain active low for the duration of any command sequence. The 32-KByte Block-Erase
instruction is initiated by executing an 8-bit command, 52H, followed by address bits [A23-A0]. Address
bits [AMS-A15](AMS = Most Significant Address) are used to determine block address (BAX), remain-
ing address bits can be VIL or VIH. CE# must be driven high before the instruction is executed. The 64-KByte
Block-Erase instruction is initiated by executing an 8-bit command D8H, followed by address bits [A23-A0].
Address bits [AMS-A16] are used to determine block address (BAX), remaining address bits can be VIL or VIH.
CE# must be driven high before the instruction is executed. Poll the Busy bit in the software status register or
wait TBE for the completion of the internal self-timed 32-KByte Block-Erase or 64-KByte Block-Erase
cycles. See Figure 13 for the 32-KByte Block-Erase sequence and Figure 14 for the 64-KByte Block-
Erase sequence.
Figure 13:32-KByte Block-Erase Sequence
Figure 14:64-KByte Block-Erase Sequence
CE#
SO
SI
SCK
ADDR
01 2 3 4 5 6 7 8
ADDR
ADDR
52
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
1327 32KBklEr.0
MSB
MSB
CE#
SO
SI
SCK
ADDR
01 2 3 4 5 6 7 8
ADDR
ADDR
D8
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
1327 63KBlkEr.0
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com