Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF032B Datasheet(PDF) 12 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST25VF032B Datasheet HTML 8Page - Microchip Technology SST25VF032B Datasheet HTML 9Page - Microchip Technology SST25VF032B Datasheet HTML 10Page - Microchip Technology SST25VF032B Datasheet HTML 11Page - Microchip Technology SST25VF032B Datasheet HTML 12Page - Microchip Technology SST25VF032B Datasheet HTML 13Page - Microchip Technology SST25VF032B Datasheet HTML 14Page - Microchip Technology SST25VF032B Datasheet HTML 15Page - Microchip Technology SST25VF032B Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
©2011 Silicon Storage Technology, Inc.
S71327-04-000
02/11
12
32 Mbit SPI Serial Flash
SST25VF032B
Data Sheet
A Microchip Technology Company
Auto Address Increment (AAI) Word-Program
The AAI program instruction allows multiple bytes of data to be programmed without re-issuing the
next sequential address location. This feature decreases total programming time when multiple bytes
or entire memory array is to be programmed. An AAI Word program instruction pointing to a protected
memory area will be ignored. The selected address range must be in the erased state (FFH) when ini-
tiating an AAI Word Program operation. While within AAI Word Programming sequence, only the fol-
lowing instructions are valid: for software end-of-write detection—AAI Word (ADH), WRDI (04H), and
RDSR (05H); for hardware end-of-write detection—AAI Word (ADH) and WRDI (04H). There are three
options to determine the completion of each AAI Word program cycle: hardware detection by reading
the Serial Output, software detection by polling the BUSY bit in the software status register, or wait TBP.
Refer to“End-of-Write Detection” for details.
Prior to any write operation, the Write-Enable (WREN) instruction must be executed. Initiate the AAI
Word Program instruction by executing an 8-bit command, ADH, followed by address bits [A23-A0]. Fol-
lowing the addresses, two bytes of data are input sequentially, each one from MSB (Bit 7) to LSB (Bit
0). The first byte of data (D0) is programmed into the initial address [A23-A1] with A0=0, the second
byte of Data (D1) is programmed into the initial address [A23-A1] with A0=1. CE# must be driven high
before executing the AAI Word Program instruction. Check the BUSY status before entering the next
valid command. Once the device indicates it is no longer busy, data for the next two sequential
addresses may be programmed, followed by the next two, and so on.
When programming the last desired word, or the highest unprotected memory address, check the busy
status using either the hardware or software (RDSR instruction) method to check for program comple-
tion. Once programming is complete, use the applicable method to terminate AAI. If the device is in
Software End-of-Write Detection mode, execute the Write-Disable (WRDI) instruction, 04H. If the
device is in AAI Hardware End-of-Write Detection mode, execute the Write-Disable (WRDI) instruction,
04H, followed by the 8-bit DBSY command, 80H. There is no wrap mode during AAI programming
once the highest unprotected memory address is reached. See Figures 10 and 11 for the AAI Word
programming sequence.
End-of-Write Detection
There are three methods to determine completion of a program cycle during AAI Word programming:
hardware detection by reading the Serial Output, software detection by polling the BUSY bit in the Soft-
ware Status Register, or wait TBP. The Hardware End-of-Write detection method is described in the
section below.
Hardware End-of-Write Detection
The Hardware End-of-Write detection method eliminates the overhead of polling the Busy bit in the
Software Status Register during an AAI Word program operation. The 8-bit command, 70H, configures
the Serial Output (SO) pin to indicate Flash Busy status during AAI Word programming. (see Figure 8)
The 8-bit command, 70H, must be executed prior to initiating an AAI Word-Program instruction. Once
an internal programming operation begins, asserting CE# will immediately drive the status of the inter-
nal flash status on the SO pin. A ‘0’ indicates the device is busy and a ‘1’ indicates the device is ready
for the next instruction. De-asserting CE# will return the SO pin to tri-state. While in AAI and Hardware
End-of-Write detection mode, the only valid instructions are AAI Word (ADH) and WRDI (04H).
To exit AAI Hardware End-of-Write detection, first execute WRDI instruction, 04H, to reset the Write-
Enable-Latch bit (WEL=0) and AAI bit. Then execute the 8-bit DBSY command, 80H, to disable RY/
BY# status during the AAI command. See Figures 9 and 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com