Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF032B Datasheet(PDF) 10 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST25VF032B Datasheet HTML 6Page - Microchip Technology SST25VF032B Datasheet HTML 7Page - Microchip Technology SST25VF032B Datasheet HTML 8Page - Microchip Technology SST25VF032B Datasheet HTML 9Page - Microchip Technology SST25VF032B Datasheet HTML 10Page - Microchip Technology SST25VF032B Datasheet HTML 11Page - Microchip Technology SST25VF032B Datasheet HTML 12Page - Microchip Technology SST25VF032B Datasheet HTML 13Page - Microchip Technology SST25VF032B Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
©2011 Silicon Storage Technology, Inc.
S71327-04-000
02/11
10
32 Mbit SPI Serial Flash
SST25VF032B
Data Sheet
A Microchip Technology Company
Read (25 MHz)
The Read instruction, 03H, supports up to 25 MHz Read. The device outputs the data starting from the
specified address location. The data output stream is continuous through all addresses until termi-
nated by a low to high transition on CE#. The internal address pointer will automatically increment until
the highest memory address is reached. Once the highest memory address is reached, the address
pointer will automatically increment to the beginning (wrap-around) of the address space. For example,
once the data from address location 3FFFFFH has been read, the next output will be from address
location 000000H.
The Read instruction is initiated by executing an 8-bit command, 03H, followed by address bits [A23-
A0]. CE# must remain active low for the duration of the Read cycle. See Figure 5 for the Read
sequence.
Figure 5: Read Sequence
EBSY
Enable SO as an out-
put RY/BY# status dur-
ing AAI programming
0111 0000b (70H)
0
0
0
80 MHz
DBSY
Disable SO as RY/BY#
status during AAI pro-
gramming
1000 0000b (80H)
0
0
0
80 MHz
T5.0
1327
1. One bus cycle is eight clock periods.
2. Address bits above the most significant bit can be either VIL or VIH.
3. 4KByte Sector Erase addresses: use AMS-A12, remaining addresses are don’t care but must be set either at VIL or VIH.
4. 32KByte Block Erase addresses: use AMS-A15, remaining addresses are don’t care but must be set either at VIL or VIH.
5. 64KByte Block Erase addresses: use AMS-A16, remaining addresses are don’t care but must be set either at VIL or VIH.
6. To continue programming to the next sequential address location, enter the 8-bit command, ADH, followed by 2 bytes of
data to be programmed. Data Byte 0 will be programmed into the initial address [A23-A1] with A0=0, Data Byte 1 will be
programmed into the
initial address [A23-A1] with A0 =1.
7. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
8. Manufacturer’s ID is read with A0 = 0, and Device ID is read with A0 = 1. All other address bits are 00H. The Manufac-
turer’s ID and device ID output stream is continuous until terminated by a low-to-high transition on CE#.
Table 5: Device Operation Instructions (Continued) (2 of 2)
Instruction
Description
Op Code Cycle1
Address
Cycle(s)2
Dummy
Cycle(s)
Data
Cycle(s)
Maximum
Frequency
1327 F06.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
03
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
70
47
48
55 56
63 64
N+2
N+3
N+4
N
N+1
DOUT
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com