Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF032B Datasheet(PDF) 28 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 28 Page - Microchip Technology

Back Button SST25VF032B Datasheet HTML 23Page - Microchip Technology SST25VF032B Datasheet HTML 24Page - Microchip Technology SST25VF032B Datasheet HTML 25Page - Microchip Technology SST25VF032B Datasheet HTML 26Page - Microchip Technology SST25VF032B Datasheet HTML 27Page - Microchip Technology SST25VF032B Datasheet HTML 28Page - Microchip Technology SST25VF032B Datasheet HTML 29Page - Microchip Technology SST25VF032B Datasheet HTML 30Page - Microchip Technology SST25VF032B Datasheet HTML 31Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
©2011 Silicon Storage Technology, Inc.
S71327-04-000
02/11
28
32 Mbit SPI Serial Flash
SST25VF032B
Data Sheet
A Microchip Technology Company
Product Ordering Information
Valid combinations for SST25VF032B
SST25VF032B-66-4I-S2AF
SST25VF032B-80-4I-S2AF
SST25VF032B-80-4I-QAE
Note:Valid combinations are those products in mass production or will be in mass production. Consult your SST
sales representative to confirm availability of valid combinations and to determine availability of new combi-
nations.
SST
25
VF
032B
-
80
-
4I
-
S2AF
XX
XX
XXXX
-
XX
-
XX
-
XXXX
Environmental Attribute
F1 = non-Pb / non-Sn contact (lead) finish:
Nickel plating with Gold top (outer) layer
E = non-Pb
Package Modifier
A = 8 leads or contacts
Package Type
S2 = SOIC 200 mil body width
Q = WSON (5 x 6 mm)
Temperature Range
I = Industrial = -40°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Operating Frequency
66 = 66 MHz
80 = 80 MHz
Device Density
032 = 32 Mbit
Voltage
V = 2.7-3.6V
Product Series
25 = Serial Peripheral Interface flash
memory
1. Environmental suffix “F” denotes non-Pb/non-SN
solder; “E” denotes non-Pb solder. SST non-Pb/
non-Sn solder devices are “RoHS Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com