Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF032B Datasheet(PDF) 14 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST25VF032B Datasheet HTML 10Page - Microchip Technology SST25VF032B Datasheet HTML 11Page - Microchip Technology SST25VF032B Datasheet HTML 12Page - Microchip Technology SST25VF032B Datasheet HTML 13Page - Microchip Technology SST25VF032B Datasheet HTML 14Page - Microchip Technology SST25VF032B Datasheet HTML 15Page - Microchip Technology SST25VF032B Datasheet HTML 16Page - Microchip Technology SST25VF032B Datasheet HTML 17Page - Microchip Technology SST25VF032B Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
©2011 Silicon Storage Technology, Inc.
S71327-04-000
02/11
14
32 Mbit SPI Serial Flash
SST25VF032B
Data Sheet
A Microchip Technology Company
Figure 10:Auto Address Increment (AAI) Word-Program Sequence with Hardware End-of-
Write Detection
Figure 11:Auto Address Increment (AAI) Word-Program Sequence with
Software End-of-Write Detection
CE#
SI
SCK
SO
1327 AAI.HW.3
Check for Flash Busy Status to load next valid
1 command
Load AAI command, Address, 2 bytes data
0
AA
A
AD
D0
AD
MODE 3
MODE 0
D1
D2
D3
7
WREN
EBSY
0
7
07 8
32
47
15 16
23 24
31
0
40
39
7 8
15 16
23
DOUT
WRDI followed by DBSY
to exit AAI Mode
WRDI
RDSR
70
15
7
8
0
DBSY
7
0
CE# cont.
SI cont.
SCK cont.
SO cont.
Last 2
Data Bytes
AD
Dn-1
Dn
7 8
15 16
23
0
Check for Flash Busy Status to load next valid
1 command
Note: 1. Valid commands during AAI programming: AAI command or WRDI command
2. User must configure the SO pin to output Flash Busy status during AAI programming
07 8
32
47
15 16
23 24
31
0
40
39
7 8
15 16
23
7 8
15 16
23
70
15
78
00
CE#
SI
SCK
SO
DOUT
MODE 3
MODE 0
1327 AAI.SW.2
Wait TBP or poll Software Status
register to load next valid
1 command
Last 2
Data Bytes
WRDI to exit
AAI Mode
Load AAI command, Address, 2 bytes data
AA
A
AD
D0
AD
D1
D2
D3
AD
Dn-1
Dn
WRDI
RDSR
Note: 1. Valid commands during AAI programming: AAI command or WRDI command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com