Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF032B Datasheet(PDF) 17 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 17 Page - Microchip Technology

Back Button SST25VF032B Datasheet HTML 13Page - Microchip Technology SST25VF032B Datasheet HTML 14Page - Microchip Technology SST25VF032B Datasheet HTML 15Page - Microchip Technology SST25VF032B Datasheet HTML 16Page - Microchip Technology SST25VF032B Datasheet HTML 17Page - Microchip Technology SST25VF032B Datasheet HTML 18Page - Microchip Technology SST25VF032B Datasheet HTML 19Page - Microchip Technology SST25VF032B Datasheet HTML 20Page - Microchip Technology SST25VF032B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
©2011 Silicon Storage Technology, Inc.
S71327-04-000
02/11
17
32 Mbit SPI Serial Flash
SST25VF032B
Data Sheet
A Microchip Technology Company
Chip-Erase
The Chip-Erase instruction clears all bits in the device to FFH. A Chip-Erase instruction will be ignored
if any of the memory area is protected. Prior to any Write operation, the Write-Enable (WREN) instruction
must be executed. CE# must remain active low for the duration of the Chip-Erase instruction sequence.
Initiate the Chip-Erase instruction by executing an 8-bit command, 60H or C7H. CE# must be driven high
before the instruction is executed. Poll the Busy bit in the software status register or wait TCE for the comple-
tion of the internal self-timed Chip-Erase cycle. See Figure 15 for the Chip-Erase sequence.
Figure 15:Chip-Erase Sequence
Read-Status-Register (RDSR)
The Read-Status-Register (RDSR) instruction allows reading of the status register. The status register
may be read at any time even during a Write (Program/Erase) operation. When a Write operation is in
progress, the Busy bit may be checked before sending any new commands to assure that the new
commands are properly received by the device. CE# must be driven low before the RDSR instruction is
entered and remain low until the status data is read. Read-Status-Register is continuous with ongoing
clock cycles until it is terminated by a low to high transition of the CE#. See Figure 16 for the RDSR
instruction sequence.
Figure 16:Read-Status-Register (RDSR) Sequence
CE#
SO
SI
SCK
01 2 3 4 5 6 7
60 or C7
HIGH IMPEDANCE
MODE 0
MODE 3
1327 F16.0
MSB
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1327 F17.0
MODE 3
SCK
SI
SO
CE#
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
05
MODE 0
HIGH IMPEDANCE
Status
Register Out
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com