Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF032B Datasheet(PDF) 20 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 20 Page - Microchip Technology

Back Button SST25VF032B Datasheet HTML 16Page - Microchip Technology SST25VF032B Datasheet HTML 17Page - Microchip Technology SST25VF032B Datasheet HTML 18Page - Microchip Technology SST25VF032B Datasheet HTML 19Page - Microchip Technology SST25VF032B Datasheet HTML 20Page - Microchip Technology SST25VF032B Datasheet HTML 21Page - Microchip Technology SST25VF032B Datasheet HTML 22Page - Microchip Technology SST25VF032B Datasheet HTML 23Page - Microchip Technology SST25VF032B Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
©2011 Silicon Storage Technology, Inc.
S71327-04-000
02/11
20
32 Mbit SPI Serial Flash
SST25VF032B
Data Sheet
A Microchip Technology Company
Read-ID (RDID)
The Read-ID instruction (RDID) identifies the device as SST25VF032B and manufacturer as SST. The
device information can be read from executing an 8-bit command, 90H or ABH, followed by address
bits [A23-A0]. Following the Read-ID instruction, the manufacturer’s ID is located in address 00000H
and the device ID is located in address 00001H. Once the device is in Read-ID mode, the manufac-
turer’s and device ID output data toggles between address 00000H and 00001H until terminated by a
low to high transition on CE#.
Refer to Tables 6 and 7 for device identification data.
Figure 20:Read-ID Sequence
Table 6: Product Identification
Address
Data
Manufacturer’s ID
00000H
BFH
Device ID
SST25VF032B
00001H
4AH
T6.0 1327
1327 F21.0
CE#
SO
SI
SCK
00
01 2 3 4 5 6 7 8
00
ADD1
90 or AB
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63
BF
Device ID
BF
Device ID
Note: The manufacturer s and device ID output stream is continuous until terminated by a low to high transition on CE#.
1. 00H will output the manfacturer s ID first and 01H will output device ID first before toggling between the two.
HIGH
IMPEDANCE
MODE 3
MODE 0
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com