Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6143D Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS6143D
Description  Smart Highside Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6143D Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS6143D Datasheet HTML 1Page - Infineon Technologies AG BTS6143D Datasheet HTML 2Page - Infineon Technologies AG BTS6143D Datasheet HTML 3Page - Infineon Technologies AG BTS6143D Datasheet HTML 4Page - Infineon Technologies AG BTS6143D Datasheet HTML 5Page - Infineon Technologies AG BTS6143D Datasheet HTML 6Page - Infineon Technologies AG BTS6143D Datasheet HTML 7Page - Infineon Technologies AG BTS6143D Datasheet HTML 8Page - Infineon Technologies AG BTS6143D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PROFET® BTS 6143 D
Data Sheet
3 of 18
Rev. 1.0, 2007-02
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
chip - case:
RthJC
--
--
1.1
K/W
junction - ambient (free air):
RthJA
--
80
--
SMD version, device on PCB 6)
--
45
55
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj= 25, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (pin 3 to pin 1,5)
VIN= 0, Vbb= 5.5V, IL = 7.5 A
Tj=25 °C:
Tj=150 °C:
VIN= 0, Vbb= 12V, IL = 7.5 A
Tj=25 °C:
Tj=150 °C:
RON
--
--
--
--
10
18
8
14
14
24
10
18
m
Ω
Output voltage drop limitation at small load
currents (Tab to pin 1,5) 5)
Tj=-40...150 °C:
VON(NL)
--
30
65
mV
Nominal load current (Tab to pin 1,5)
ISO Proposal: VON
≤ 0.5 V, TC = 85°C, Tj ≤ 150°C
SMD 6), VON
≤ 0.5 V, TA = 85°C, Tj ≤ 150°C
IL(ISO)
IL(nom)
33
8
41
10
--
--
A
Turn-on time
to 90% VOUT:
Turn-off time
to 10% VOUT:
RL = 2.2
Ω, Tj=-40...150 °C
ton
toff
--
--
250
250
500
500
µs
Slew rate on
25 to 50% VOUT, RL = 2.2
Ω, Tj=-40...150 °C
dV /dton
--
0.3
0.5
V/
µs
Slew rate off
50 to 25% VOUT, RL = 2.2
Ω, Tj=-40...150 °C
-dV/dtoff
--
0.3
0.6
V/
µs
5
)
See figure 7a on page 15.
6
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com