Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6143D Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BTS6143D
Description  Smart Highside Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6143D Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BTS6143D Datasheet HTML 9Page - Infineon Technologies AG BTS6143D Datasheet HTML 10Page - Infineon Technologies AG BTS6143D Datasheet HTML 11Page - Infineon Technologies AG BTS6143D Datasheet HTML 12Page - Infineon Technologies AG BTS6143D Datasheet HTML 13Page - Infineon Technologies AG BTS6143D Datasheet HTML 14Page - Infineon Technologies AG BTS6143D Datasheet HTML 15Page - Infineon Technologies AG BTS6143D Datasheet HTML 16Page - Infineon Technologies AG BTS6143D Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
PROFET® BTS 6143 D
Data Sheet
13 of 18
Rev. 1.0, 2007-02
Figure 3a: Typ. current limitation characteristic
0
20
40
60
80
010
20
VON
[V]
[A]
IL(SC)
30
V
ON(SC)
100
In case of VON > VON(SC) (typ. 4 V) the device will be
switched off by internal short circuit detection.
Figure 3b: Short circuit type one:
shut down by short circuit detection, reset by IIN = 0.
I
IN
I
L
IL(SC)
IIS
t
td(SC1)
I IS,fault
tdelay(fault)
tm
VON > VON(SC)
Shut down remains latched until next reset via input.
Figure 3c: Short circuit type two:
shut down by short circuit detection, reset by IIN = 0.
I
IN
I
L
Internal Switch off
IIS
t
td(SC2)
I IS,fault
V
ON
I
L
k
ilis
1V typ.
depending on the
external impedance
Shut down remains latched until next reset via input.
Figure 4a: Overtemperature
Reset if Tj<Tjt
I
IN
t
I
IS
V
OUT
T
j
IIS,fault
Auto Restart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com