Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6143D Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS6143D
Description  Smart Highside Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6143D Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS6143D Datasheet HTML 2Page - Infineon Technologies AG BTS6143D Datasheet HTML 3Page - Infineon Technologies AG BTS6143D Datasheet HTML 4Page - Infineon Technologies AG BTS6143D Datasheet HTML 5Page - Infineon Technologies AG BTS6143D Datasheet HTML 6Page - Infineon Technologies AG BTS6143D Datasheet HTML 7Page - Infineon Technologies AG BTS6143D Datasheet HTML 8Page - Infineon Technologies AG BTS6143D Datasheet HTML 9Page - Infineon Technologies AG BTS6143D Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
PROFET® BTS 6143 D
Data Sheet
6 of 18
Rev. 1.0, 2007-02
Values
Parameter and Conditions
at Tj= 25, Vbb = 12 V unless otherwise specified
Symbol
min.
typ.
max.
Unit
Diagnostic Characteristics
Current sense ratio, static on-condition
kILIS = IL : IIS, IIS < IIS,lim 16),
VIS <VOUT - 5 V, VbIN > 4.5 V
kILIS
-- 10 000
--
IL = 30A, Tj = -40°C:
Tj = +25°C:
Tj = +150°C:
IL = 7.5A, Tj = -40°C:
Tj = +25°C:
Tj = +150°C:
IL = 2.5A, Tj = -40°C:
Tj = +25°C:
Tj = +150°C:
IL = 0.5A, Tj = -40°C:
Tj = +25°C:
Tj = +150°C:
8300
8300
8300
7500
8000
8200
7100
7700
8000
5000
5500
6000
10000
9700
9300
10000
9700
9300
10000
9700
9300
12000
12000
12000
11000
10600
10000
11400
10800
10200
13400
12500
12000
21000
19000
18000
IIN = 0 (e.g. during deenergizing of inductive loads):
--
0
--
Sense current under fault conditions 17)
VON>1V, typ
Tj = -40...+150°C:
IIS,fault
4.0
5.2
7.5
mA
Sense saturation current
VON<1V, typ
Tj = -40...+150°C:
IIS,lim
4.0
6.0
7.5
mA
Fault-Sense signal delay after input current positive
slope, VON >1V, Tj = -40...+150°C
tdelay(fault)
350
650
1200
µs
Current sense leakage current, IIN = 0
IIS(LL)
--
0.1
0.5
µA
Current sense offset current, VIN = 0, IL
≤ 0
IIS(LH)
--
0.1
1
µA
Minimum load current for sense functionality,
VIN = 0, Tj = -40...+150°C
IL(MIN)
50
--
--
mA
Current sense settling time to IIS static after input
current positive slope, 18)
IL = 0
20 A, Tj= -40...+150°C
tson(IS)
--
250
500
µs
Current sense settling time during on condition, 18)
IL = 10
20 A, Tj= -40...+150°C
tslc(IS)
--
50
100
µs
Overvoltage protection
Ibb = 15 mA
Tj = -40...+150°C: VZ,IS
63
67
--
V
16) See also figures 4.x and 6.x on page 13 and 14.
17) Fault conditions are overload during on (i.e. VON>1V typ.), overtemperature and short circuit; see also truth
table on page 8.
18
) Not subject to production test, specified by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com