Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6143D Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # BTS6143D
Description  Smart Highside Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6143D Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button BTS6143D Datasheet HTML 10Page - Infineon Technologies AG BTS6143D Datasheet HTML 11Page - Infineon Technologies AG BTS6143D Datasheet HTML 12Page - Infineon Technologies AG BTS6143D Datasheet HTML 13Page - Infineon Technologies AG BTS6143D Datasheet HTML 14Page - Infineon Technologies AG BTS6143D Datasheet HTML 15Page - Infineon Technologies AG BTS6143D Datasheet HTML 16Page - Infineon Technologies AG BTS6143D Datasheet HTML 17Page - Infineon Technologies AG BTS6143D Datasheet HTML 18Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
PROFET® BTS 6143 D
Data Sheet
14 of 18
Rev. 1.0, 2007-02
Figure 4b: Overload
Tj<Tjt
I
IN
t
I
L
V
bb
I
S
-V
OUT
V =1V typ.
ON
R *I
ON L,lim
I
L
k
ilis
I
IS,lim
I
IS,fault
Figure 5a: Undervoltage restart of charge pump,
overvoltage clamp
0
010
12
VOUT
VbIN(ucp)
VIN = 0
IIN = 0
V
ON(CL)
VON(CL)
VbIN(u)
VbIN(u)
dynamic, short
Undervoltage
not below
Vbb
Figure 6a: Current sense versus load current:
0
1
2
10
20
I L
[A]
[mA] IIS
30
40
3
IL,lim
4
IIS(LH)
IIS,lim
IL(MIN)
Figure 6b: Current sense ratio22:
0
010
20
IL
[A]
kILIS
5
5000
10000
20000
15000
22
This range for the current sense ratio refers to all
devices. The accuracy of the k
ILIS can be raised by
means of calibration the value of k
ILIS for every
single device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com