Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6143D Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS6143D
Description  Smart Highside Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6143D Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS6143D Datasheet HTML 5Page - Infineon Technologies AG BTS6143D Datasheet HTML 6Page - Infineon Technologies AG BTS6143D Datasheet HTML 7Page - Infineon Technologies AG BTS6143D Datasheet HTML 8Page - Infineon Technologies AG BTS6143D Datasheet HTML 9Page - Infineon Technologies AG BTS6143D Datasheet HTML 10Page - Infineon Technologies AG BTS6143D Datasheet HTML 11Page - Infineon Technologies AG BTS6143D Datasheet HTML 12Page - Infineon Technologies AG BTS6143D Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PROFET® BTS 6143 D
Data Sheet
9 of 18
Rev. 1.0, 2007-02
Input circuit (ESD protection)
IN
ZD
IN
I
V bb
Rbb
V
Z,IN
V bIN
V IN
ESD-Zener diode: 67 V typ., max 15 mA;
Current sense output
Normal operation
IS
IS
R
ZD
IS
V
Vbb
Z,IS
V
Rbb
IIS
IIS,fault
VZ,IS = 67 V (typ.), RIS = 1 kΩ nominal (or 1 kΩ /n, if n
devices are connected in parallel). IS = IL/kilis can be
only driven by the internal circuit as long as
Vout - VIS > 5V. Therefore RIS should be less than
mA
V
V
bb
5
.
7
5
−
.
Note: For large values of RIS the voltage VIS can reach
almost Vbb. See also overvoltage protection.
If you don't use the current sense output in your
application, you can leave it open.
Inductive and overvoltage output clamp
+ Vbb
OUT
PROFET
V
Z1
V
ON
VON is clamped to VON(Cl) = 42 V typ
Overvoltage protection of logic part
+ Vbb
VOUT
IN
bb
R
Signal GND
Logic
PROFET
V
Z,IS
R
IS
IN
R
IS
V
Z,IN
R V
V Z,VIS
Rbb = 100
Ω typ., VZ,IN = VZ,IS = 67V typ., RIS = 1kΩ
nominal. Note that when overvoltage exceeds 67 V typ.
a voltage above 5V can occur between IS and GND, if
RV, VZ,VIS are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com