Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6143D Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BTS6143D
Description  Smart Highside Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6143D Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS6143D Datasheet HTML 1Page - Infineon Technologies AG BTS6143D Datasheet HTML 2Page - Infineon Technologies AG BTS6143D Datasheet HTML 3Page - Infineon Technologies AG BTS6143D Datasheet HTML 4Page - Infineon Technologies AG BTS6143D Datasheet HTML 5Page - Infineon Technologies AG BTS6143D Datasheet HTML 6Page - Infineon Technologies AG BTS6143D Datasheet HTML 7Page - Infineon Technologies AG BTS6143D Datasheet HTML 8Page - Infineon Technologies AG BTS6143D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PROFET® BTS 6143 D
Data Sheet
1 of 18
Rev. 1.0, 2007-02
Smart Highside Power Switch
Reversave
• Reverse battery protection by self turn on of
power MOSFET
Features
• Short circuit protection with latch
• Current limitation
• Overload protection
• Thermal shutdown with restart
• Overvoltage protection (including load dump)
• Loss of ground protection
• Loss of Vbb protection (with external diode for
charged inductive loads)
• Very low standby current
• Fast demagnetisation of inductive loads
• Electrostatic discharge (ESD) protection
• Optimized static electromagnetic compatibility
(EMC)
• Green Product (RoHS compliant)
• AEC qualified
Diagnostic Function
• Proportional load current sense (with defined fault signal in case of overload operation, overtemperature
shutdown and/or short circuit shutdown)
Application
• Power switch with current sense diagnostic feedback for 12V and 24 V DC grounded loads
• All types of resistive, inductive and capacitive loads
• Replaces electromechanical relays, fuses and discrete circuits
General Description
N channel vertical power FET with charge pump, current controlled input and diagnostic feedback with load
current sense, integrated in Smart SIPMOSchip on chip technology. Providing embedded protective functions.
IN
Charge pump
Level shifter
Rectifier
Limit for
unclamped
ind. loads
Gate
protection
Current
limit
2
Overvoltage
protection
+ Vbb
PROFET
OUT
3 & Tab
1, 5
Load GND
Load
Output
Voltage
detection
R
IS
IS
4
I IS
IL
VIS
IIN
Logic GND
Voltage
sensor
Voltage
source
Current
Sense
Logic
ESD
Temperature
sensor
R bb
V
IN
Product Summary
Operating voltage
Vbb(on)
5.5 ... 38
V
On-state resistance
RON
10 m
Ω
Nominal current
IL(nom)
8A
Load current (ISO)
IL(ISO)
33
A
Current limitation
IL12(SC)
75
A
Package
PG-TO252-5-11
(DPAK 5 pin; less than half the size as TO 220 SMD)


Similar Part No. - BTS6143D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS6143D INFINEON-BTS6143D Datasheet
262Kb / 16P
Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D Datasheet
680Kb / 18P
Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS6143DAUMA1 INFINEON-BTS6143DAUMA1 Datasheet
680Kb / 18P
Smart Highside Power Switch
Rev. 1.0, 2007-02
More results

Similar Description - BTS6143D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
Smart Highside Power Switch
2003-Oct-01
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS6163D INFINEON-BTS6163D Datasheet
259Kb / 16P
Smart Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
Smart Highside Power Switch
logo
Infineon Technologies A...
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
Smart Highside Power Switch
22.03.99
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
Smart Highside Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com