Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6143D Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS6143D
Description  Smart Highside Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6143D Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS6143D Datasheet HTML 1Page - Infineon Technologies AG BTS6143D Datasheet HTML 2Page - Infineon Technologies AG BTS6143D Datasheet HTML 3Page - Infineon Technologies AG BTS6143D Datasheet HTML 4Page - Infineon Technologies AG BTS6143D Datasheet HTML 5Page - Infineon Technologies AG BTS6143D Datasheet HTML 6Page - Infineon Technologies AG BTS6143D Datasheet HTML 7Page - Infineon Technologies AG BTS6143D Datasheet HTML 8Page - Infineon Technologies AG BTS6143D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PROFET® BTS 6143 D
Data Sheet
5 of 18
Rev. 1.0, 2007-02
Values
Parameter and Conditions
at Tj= 25, Vbb = 12 V unless otherwise specified
Symbol
min.
typ.
max.
Unit
Protection Functions 12)
Short circuit current limit (Tab to pin 1,5) 13)
Short circuit current limit at
VON = 6V 14)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
IL6(SC)
--
--
70
110
105
90
140
--
--
A
Short circuit current limit at
VON = 12V
Tj(start) =-40°C:
tm=170µs
Tj(start) =25°C:
Tj(start) =+150°C:
IL12(SC)
--
--
45
80
75
60
110
--
--
A
Short circuit current limit at
VON = 18V 14) Tj(start) =-40°C:
Tj(start) =25°C:
Tj(start) =+150°C:
IL18(SC)
--
--
33
60
55
50
80
--
--
A
Short circuit current limit at
VON = 24V
Tj(start) =-40°C:
tm=170µs
Tj(start) =25°C:
Tj(start) =+150°C:
IL24(SC)
--
--
20
40
40
35
60
--
--
A
Short circuit current limit at
VON = 30V 14) Tj(start) =-40°C:
Tj(start) =25°C:
Tj(start) =+150°C:
IL30(SC)
--
--
15
25
25
25
40
--
--
A
Short circuit shutdown detection voltage
(pin 3 to pins 1,5)
VON(SC)
2.5
3.5
4.5
V
Short circuit shutdown delay after input current
positive slope, VON > VON(SC), Tj = -40...+150°C
min. value valid only if input "off-signal" time exceeds 30
µs
td(SC1)
350
650
1200
µs
Short circuit shutdown delay during on condition14)
VON > VON(SC)
td(SC2)
--
2
--
µs
Output clamp (inductive load switch off) 15)
at VOUT = Vbb - VON(CL) (e.g. overvoltage)
IL= 40 mA
VON(CL)
39
42
--
V
Thermal overload trip temperature
Tjt
150
175
--
°C
Thermal hysteresis
∆Tjt
--
10
--
K
12)
Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are
not designed for continuous repetitive operation.
13
) Short circuit current limit for max. duration of td(SC1) , prior to shutdown, see also figures 3.x on page 13.
14
) Not subject to production test, specified by design.
15
) See also figure 2b on page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com