Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6143D Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTS6143D
Description  Smart Highside Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6143D Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS6143D Datasheet HTML 4Page - Infineon Technologies AG BTS6143D Datasheet HTML 5Page - Infineon Technologies AG BTS6143D Datasheet HTML 6Page - Infineon Technologies AG BTS6143D Datasheet HTML 7Page - Infineon Technologies AG BTS6143D Datasheet HTML 8Page - Infineon Technologies AG BTS6143D Datasheet HTML 9Page - Infineon Technologies AG BTS6143D Datasheet HTML 10Page - Infineon Technologies AG BTS6143D Datasheet HTML 11Page - Infineon Technologies AG BTS6143D Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PROFET® BTS 6143 D
Data Sheet
8 of 18
Rev. 1.0, 2007-02
Truth Table
Input
Current
level
Output
level
Current
Sense
IIS
Normal
operation
L
H
L
H
≈0 (IIS(LL))
nominal
Overload 19)
L
H
L
H
≈0 (IIS(LL))
IIS,fault
Short circuit to GND 20)
L
H
L
L
≈0 (IIS(LL))
IIS,fault
Overtemperature
L
H
L
L
≈0 (IIS(LL))
IIS,fault
Short circuit to Vbb
L
H
H
H
≈0 (IIS(LL))
<nominal 21)
Open load
L
H
Z
H
≈0 (IIS(LL))
≈0 (IIS(LH))
L = "Low" Level
Z = high impedance, potential depends on external circuit
H = "High" Level
Terms
PROFET
V
IN
IS
OUT
bb
V
IN
IIS
I
IN
V
bb
Ibb
IL
VOUT
VON
2
4
3
1,5
RIS
V
IS
VbIN
RIN
DS
VbIS
Two or more devices can easily be connected in
parallel to increase load current capability.
19
) Overload is detected at the following condition: 1V (typ.) < V
ON
< 3.5V (typ.) . See also page 11.
20
) Short Circuit is detected at the following condition: V
ON
> 3.5V (typ.) . See also page 11.
21
) Low ohmic short to Vbb may reduce the output current IL and therefore also the sense current IIS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com