Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE3AS02G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ICE3AS02G
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ICE3AS02G Datasheet HTML 2Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 3Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 4Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 5Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 6Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 7Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 8Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 9Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Version 1.2
6
02 Sep 2005
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Pin Configuration and Functionality
1.3
Pin Functionality
SoftS (Soft Start & Auto Restart Control)
The SoftS pin combines the functions of Soft Start during
Start Up and error detection for Auto Restart Mode. These
functions are implemented and can be adjusted by means of
an external capacitor at SoftS to ground. This capacitor also
provides an adjustable blanking window for high load jumps,
before the IC enters into Auto Restart Mode.
FB (Feedback)
The information about the regulation is provided by the FB
Pin to the internal Protection Unit and to the internal PWM-
Comparator to control the duty cycle. The FB-Signal
controls in case of light load the Active Burst Mode of the
controller.
CS (Current Sense)
The Current Sense pin senses the voltage developed on the
series resistor inserted in the source of the external
PowerMOS. If CS reaches the internal threshold of the
Current Limit Comparator, the Driver output is immediately
switched off. Furthermore the current information is
provided for the PWM-Comparator to realize the Current
Mode.
Gate
The Gate pin is the output of the internal driver stage
connected to the Gate of an external PowerMOS.
HV (High Voltage)
The HV pin is connected to the rectified DC input voltage. It
is the input for the integrated 500V Startup Cell.
VCC (Power supply)
The VCC pin is the positive supply of the IC. The operating
range is between 8.5V and 21V.
GND (Ground)
The GND pin is the ground of the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com