Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE3AS02G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ICE3AS02G
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ICE3AS02G Datasheet HTML 4Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 5Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 6Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 7Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 8Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 9Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 10Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 11Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Version 1.2
8
02 Sep 2005
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Functional Description
3
Functional Description
All values which are used in the functional description are
typical values. For calculating the worst cases the min/max
values which can be found in section 4 Electrical
Characteristics have to be considered.
3.1
Introduction
The F3 is the further development of the F2 to meet the
requirements for the lowest Standby Power at minimum load
and no load conditions. A new fully integrated Standby
Power concept is implemented into the IC in order to keep
the application design easy. Compared to F2 no further
external parts are needed to achieve the lowest Standby
Power. An intelligent Active Burst Mode is used for this
Standby Mode. After entering this mode there is still a full
control of the power conversion by the secondary side via the
same optocoupler that is used for the normal PWM control.
The response on load jumps is optimized. The voltage ripple
on Vout is minimized. Vout is further on well controlled in this
mode.
The usually external connected RC-filter in the feedback line
after the optocoupler is integrated in the IC to reduce the
external part count.
Furthermore a high voltage startup cell is integrated into the
IC which is switched off once the Undervoltage Lockout on-
threshold of 15V is exceeded. The external startup resistor is
no longer necessary. Power losses are therefore reduced.
This increases the efficiency under light load conditions
drastically.
The Soft-Start capacitor is also used for providing an
adjustable blanking window for high load jumps. During this
time window the overload detection is disabled. With this
concept no further external components are necessary to
adjust the blanking window.
An Auto Restart Mode is implemented in the IC to reduce the
average power conversion in the event of malfunction or
unsafe operating condition in the SMPS system. This feature
increases the system’s robustness and safety which would
otherwise lead to a destruction of the SMPS. Once the
malfunction is removed, normal operation is automatically
initiated after the next Start Up Phase.
The internal precise peak current limitation reduces the costs
for the transformer and the secondary diode. The influence
of the change in the input voltage on the power limitation can
be avoided together with the integrated Propagation Delay
Compensation. Therefore the maximum power is nearly
independent on the input voltage which is required for wide
range SMPS. There is no need for an extra over-sizing of the
SMPS, e.g. the transformer or PowerMOS.
3.2
Power Management
Figure 4
Power Management
The Undervoltage Lockout monitors the external supply
voltage VVCC. When the SMPS is plugged to the main line
the internal Startup Cell is biased and starts to charge the
external capacitor CVCC which is connected to the VCC pin.
This VCC charge current which is provided by the Startup
Cell from the HV pin is 1.05mA. When VVCC exceeds the on-
threshold VCCon=15V the internal voltage reference and bias
circuit are switched on. Then the Startup Cell is switched off
by the Undervoltage Lockout and therefore no power losses
present due to the connection of the Startup Cell to the bus
voltage (HV). To avoid uncontrolled ringing at switch-on a
hysteresis is implemented. The switch-off of the controller
can only take place after Active Mode was entered and VVCC
falls below 8.5V.
The maximum current consumption before the controller is
activated is about 160
µA.
When VVCC falls below the off-threshold VCCoff=8.5V the
internal reference is switched off and the Power Down reset
let T1 discharging the soft-start capacitor CSoftS at pin SoftS.
Thus it is ensured that at every startup cycle the voltage ramp
at pin SoftS starts at zero.
The internal Voltage Reference is switched off if Auto
Restart Mode is entered. The current consumption is then
reduced to 300
µA.
Once the malfunction condition is removed, this block will
then turn back on. The recovery from Auto Restart Mode
does not require disconnecting the SMPS from the AC line.
Power Management
6.5V
T1
SoftS
Active Burst Mode
Auto Restart Mode
Internal Bias
Voltage
Reference
Startup Cell
VCC
HV
Undervoltage Lockout
15V
8.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com