Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE3AS02G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # ICE3AS02G
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button ICE3AS02G Datasheet HTML 7Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 8Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 9Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 10Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 11Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 12Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 13Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 14Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Functional Description
Version 1.2
11
02 Sep 2005
3.5
Current Limiting
Figure 10
Current Limiting Block
There is a cycle by cycle Current Limiting realized by the
Current-Limit comparator C10 to provide an overcurrent
detection. The source current of the external Power Switch is
sensed via an external sense resistor RSense . By means of
RSense the source current is transformed to a sense voltage
VSense which is fed into the pin CS. If the voltage VSense
exceeds the internal threshold voltage Vcsth the comparator
C10 immediately turns off the gate drive by resetting the
PWM Latch FF1. A Propagation Delay Compensation is
added to support the immediate shut down without delay of
the Power Switch in case of Current Limiting. The influence
of the AC input voltage on the maximum output power can
thereby be avoided.
To prevent the Current Limiting from distortions caused by
leading edge spikes a Leading Edge Blanking is integrated in
the current sense path for the comparators C10, C12 and the
PWM-OP.
The output of comparator C12 is activated by the Gate G10
if Active Burst Mode is entered. Once activated the current
limiting is thereby reduced to 0.257V. This voltage level
determines the power level when the Active Burst Mode is
left if there is a higher power demand.
3.5.1
Leading Edge Blanking
Figure 11
Leading Edge Blanking
Each time when the external Power Switch is switched on, a
leading edge spike is generated due to the primary-side
capacitances and secondary-side rectifier reverse recovery
time. This spike can cause the gate drive to switch off
unintentionally. To avoid a premature termination of the
switching pulse, this spike is blanked out with a time
constant of tLEB = 220ns. During this time, the gate drive will
not be switched off.
3.5.2
Propagation Delay Compensation
In case of overcurrent detection, the switch-off of the
external Power Switch is delayed due to the propagation
delay of the circuit. This delay causes an overshoot of the
peak current Ipeak which depends on the ratio of dI/dt of the
peak current (see Figure 12).
Figure 12
Current Limiting
The overshoot of Signal2 is bigger than of Signal1 due to the
steeper rising waveform. This change in the slope is
depending on the AC input voltage. Propagation Delay
Compensation is integrated to limit the overshoot
dependency on dI/dt of the rising primary current. That
means the propagation delay time between exceeding the
current sense threshold Vcsth and the switch off of the
external Power Switch is compensated over temperature
within a wide range.
C10
C12
&
0.257V
Leading
Edge
Blanking
220ns
G10
Propagation-Delay
Compensation
V
csth
Active Burst
Mode
PWM Latch
FF1
10k
D1
1pF
PWM-OP
CS
Current Limiting
t
V
Sense
V
csth
t
LEB = 220ns
t
I
Sense
I
Limit
t
Propagation Delay
I
Overshoot1
I
peak1
Signal2
Signal1
I
Overshoot2
I
peak2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com