Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE3AS02G Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # ICE3AS02G
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02G Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button ICE3AS02G Datasheet HTML 14Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 15Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 16Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 17Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 18Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 19Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 20Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 21Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 22Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Electrical Characteristics
Datasheet, Version 1.2
18
02 Sep 2005
4.3.4
PWM Section
4.3.5
Control Unit
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Fixed Oscillator
Frequency
ICE3AS02
ICE3AS02G
fOSC1
92
100
108
kHz
fOSC2
94
100
106
kHz
Tj = 25°C
ICE3BS02
ICE3BS02G
fOSC3
61
67
73
kHz
fOSC4
63
67
71
kHz
Tj = 25°C
Max. Duty Cycle
Dmax
0.67
0.72
0.77
Min. Duty Cycle
Dmin
0-
-
VFB < 0.3V
PWM-OP Gain
AV
3.5
3.7
3.9
Voltage Ramp Max Level
VMax-Ramp
-0.85
-
V
VFB Operating Range Min Level
VFBmin
0.3
0.7
-
V
VFB Operating Range Max level
VFBmax
-
-
4.75
V
CS=1V, limited by
Comparator C41)
1)
The parameter is not subjected to production test - verified by design/characterization
FB Pull-Up Resistor
RFB
16
20
27
k
Ω
SoftS Pull-Up Resistor
RSoftS
39
50
62
k
Ω
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Deactivation Level for SoftS
Comparator C7 by C2
VSoftSC2
3.85
4.00
4.15
V
VFB > 5V
Clamped VSoftS Voltage during
Normal Operating Mode
VSoftSclmp
4.23
4.40
4.57
V
VFB = 4V
Activation Limit of
Comparator C3
VSoftSC3
5.20
5.40
5.60
V
VFB > 5V
SoftS Startup Current
ISoftSstart
-1.3
-mA
VSoftS = 0V
Over Load & Open Loop Detection
Limit for Comparator C4
VFBC4
4.62
4.80
4.98
V
VSoftS > 5.6V
Active Burst Mode Level for
Comparator C5
VFBC5
1.23
1.30
1.37
V
VSoftS > 5.6V
Active Burst Mode Level for
Comparator C6a
VFBC6a
3.85
4.00
4.15
V
After Active Burst Mode
is entered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com