Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE3AS02G Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # ICE3AS02G
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02G Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button ICE3AS02G Datasheet HTML 14Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 15Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 16Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 17Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 18Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 19Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 20Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 21Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 22Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Electrical Characteristics
Version 1.2
19
02 Sep 2005
Note:
The trend of all the voltage levels in the Control Unit is the same regarding the deviation except VVCCOVP and VVCCPD
4.3.6
Current Limiting
Active Burst Mode Level for
Comparator C6b
VFBC6b
3.25
3.40
3.55
V
After Active Burst Mode
is entered
Overvoltage Detection Limit
VVCCOVP
16.1
17.1
18.1
V
VFB > 5V
VSoftS < 4.0V
Thermal Shutdown1)
TjSD
130
140
150
°C
Spike Blanking
tSpike
-8.0
-
µs
1)
The parameter is not subjected to production test - verified by design/characterization
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Peak Current Limitation
(incl. Propagation Delay Time of
external MOS)
Vcsth
0.97
1.02
1.07
V
dVsense / dt = 0.6V/µs
(see Figure 14)
Peak Current Limitation during
Active Burst Mode
VCS2
0.232
0.257
0.282
V
Leading Edge Blanking
tLEB
-
220
-
ns
VSoftS = 4.4V
CS Input Bias Current
ICSbias
-1.0
-0.2
0
µA
VCS =0V
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com