Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE3AS02G Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # ICE3AS02G
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02G Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button ICE3AS02G Datasheet HTML 14Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 15Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 16Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 17Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 18Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 19Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 20Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 21Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 22Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Version 1.2
20
02 Sep 2005
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Electrical Characteristics
4.3.7
Driver Section
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
GATE Low Voltage
VGATElow
--1.2
V
VVCC = 5 V
IGate = 5 mA
--1.5
V
VVCC = 5 V
IGate = 20 mA
-0.8
-V
IGate = 0 A
-1.6
2.0
V
IGate = 20 mA
-0.2
0.2
-
V
IGate = -20 mA
GATE High Voltage
VGATEhigh
-
11.5
-
V
VVCC = 20V
CL = 4.7nF
-
10.5
-
V
VVCC = 11V
CL = 4.7nF
-7.5
-V
VVCC = VVCCoff + 0.2V
CL = 4.7nF
GATE Rise Time
(incl. Gate Rising Slope)
trise
-
150
-
ns
VGate = 2V ...9V
1)
CL = 4.7nF
GATE Fall Time
tfall
-55
-
ns
VGate = 9V ...2V
1)
CL = 4.7nF
GATE Current, Peak,
Rising Edge
IGATE
-0.5
--A
CL = 4.7nF
2)
GATE Current, Peak,
Falling Edge
IGATE
--0.7
A
CL = 4.7nF
2)
1)
Transient reference value
2)
The parameter is not subjected to production test - verified by design/characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com