Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE3AS02G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # ICE3AS02G
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button ICE3AS02G Datasheet HTML 9Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 10Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 11Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 12Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 13Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 14Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 15Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 16Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Functional Description
Version 1.2
13
02 Sep 2005
integrated pull up resistor RSoftS. The comparator C3 releases
the gates G5 and G6 once VSofts has exceeded 5.4V.
Therefore there is no entering of Auto Restart Mode possible
during this charging time of the external capacitor CSoftS. The
same procedure happens to the external Soft Start capacitor
if a low load condition is detected by comparator C5 when
VFB is falling below 1.32V. Only after VSoftS has exceeded
5.4V and VFB is still below 1.32V Active Burst Mode is
entered.
3.6.2
Active Burst Mode
The controller provides Active Burst Mode for low load
conditions at VOUT. Active Burst Mode increases
significantly the efficiency at light load conditions while
supporting a low ripple on VOUT and fast response on load
jumps. During Active Burst Mode which is controlled only
by the FB signal the IC is always active and can therefore
immediately response on fast changes at the FB signal. The
Startup Cell is kept switched off to avoid increased power
losses for the self supply.
Figure 16
Active Burst Mode
The Active Burst Mode is located in the Control Unit. Figure
16 shows the related components.
3.6.2.1
Entering Active Burst Mode
The FB signal is always observed by the comparator C5 if
the voltage level falls below 1.32V. In that case the switch S1
is released which allows the capacitor CSoftS to be charged
starting from the clamped voltage level at 4.4V in normal
operating mode. If VSoftS exceeds 5.4V the comparator C3
releases the gate G6 to enter the Active Burst Mode. The
time window that is generated by combining the FB and
SoftS signals with gate G6 avoids a sudden entering of the
Active Burst Mode due to large load jumps. This time
window can be adjusted by the external capacitor CSoftS.
After entering Active Burst Mode a burst flag is set and the
internal bias is switched off in order to reduce the current
consumption of the IC down to approx. 1.05mA. In this Off
State Phase the IC is no longer self supplied so that therefore
CVCC has to provide the VCC current (see Figure 17).
Furthermore gate G11 is then released to start the next burst
cycle once VFB has 3.4V exceeded.
It has to be ensured by the application that the VCC remains
above the Undervoltage Lockout Level of 8.5V to avoid that
the Startup Cell is accidentally switched on. Otherwise
power losses are significantly increased. The minimum VCC
level during Active Burst Mode is depending on the load
conditions and the application. The lowest VCC level is
reached at no load conditions at VOUT.
3.6.2.2
Working in Active Burst Mode
After entering the Active Burst Mode the FB voltage rises as
VOUT starts to decrease due to the inactive PWM section.
Comparator C6a observes the FB signal if the voltage level
4V is exceeded. In that case the internal circuit is again
activated by the internal Bias to start with switching. As now
in Active Burst Mode the gate G10 is released the current
limit is only 0.257V to reduce the conduction losses and to
avoid audible noise. If the load at VOUT is still below the
starting level for the Active Burst Mode the FB signal
decreases down to 3.4V. At this level C6b deactivates again
the internal circuit by switching off the internal Bias. The
gate G11 is released as after entering Active Burst Mode the
burst flag is set. If working in Active Burst Mode the FB
voltage is changing like a saw tooth between 3.4V and 4V
(see Figure 17).
3.6.2.3
Leaving Active Burst Mode
The FB voltage immediately increases if there is a high load
jump. This is observed by comparator C4. As the current
limit is ca. 26% during Active Burst Mode a certain load
jump is needed that FB can exceed 4.8V. At this time C4
resets the Active Burst Mode which also blocks C12 by the
C3
5.4V
C4
4.8V
C6a
4.0V
1.32V
FB
Control Unit
Active
Burst
Mode
4.4V
S1
5k
Internal Bias
R
SoftS
6.5V
SoftS
&
G10
Current
Limiting
&
G6
C6b
3.4V
&
G11
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com