Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE3AS02G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # ICE3AS02G
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button ICE3AS02G Datasheet HTML 8Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 9Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 10Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 11Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 12Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 13Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 14Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 15Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Functional Description
Version 1.2
12
02 Sep 2005
Current Limiting is now possible in a very accurate way.
E.g. Ipeak = 0.5A with RSense = 2. Without Propagation Delay
Compensation the current sense threshold is set to a static
voltage level Vcsth=1V. A current ramp of
dI/dt = 0.4A/µs, that means dVSense/dt = 0.8V/µs, and a
propagation delay time of i.e. tPropagation Delay =180ns leads
then to an Ipeak overshoot of 14.4%. By means of propagation
delay compensation the overshoot is only about 2% (see
Figure 13).
Figure 13
Overcurrent Shutdown
The Propagation Delay Compensation is realized by means
of a dynamic threshold voltage Vcsth (see Figure 14). In case
of a steeper slope the switch off of the driver is earlier to
compensate the delay.
Figure 14
Dynamic Voltage Threshold Vcsth
3.6
Control Unit
The Control Unit contains the functions for Active Burst
Mode and Auto Restart Mode. The Active Burst Mode and
the Auto Restart Mode are combined with an Adjustable
Blanking Window which is depending on the external Soft
Start capacitor. By means of this Adjustable Blanking
Window, the IC avoids entering into these two modes
accidentally. Furthermore it also provides a certain time
whereby the overload detection is delayed. This delay is
useful for applications which normally works with a low
current and occasionally require a short duration of high
current.
3.6.1
Adjustable Blanking Window
Figure 15
Adjustable Blanking Window
VSoftS is clamped at 4.4V by the closed switch S1 after the
SMPS is settled. If overload occurs VFB is exceeding 4.8V.
Auto Restart Mode can’t be entered as the gate G5 is still
blocked by the comparator C3. But after VFB has exceeded
4.8V the switch S1 is opened via the gate G2. The external
Soft Start capacitor can now be charged further by the
0,9
0,95
1
1,05
1,1
1,15
1,2
1,25
1,3
0
0,2
0,4
0,6
0,8
1
1,2
1,4
1,6
1,8
2
with compensation
without compensation
dt
dV
Sense
s
V
µ
V
t
V
csth
V
OSC
Signal1
Signal2
V
Sense
Propagation Delay
max. Duty Cycle
off time
t
C3
5.4V
C4
4.8V
C5
1.32V
&
G5
&
G6
4.4V
S1
1
G2
Control Unit
5k
Ω
Active
Burst
Mode
Auto
Restart
Mode
R
SoftS
6.5V
SoftS
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com