Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FULLFLEX Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 44Page - Cypress Semiconductor FULLFLEX Datasheet HTML 45Page - Cypress Semiconductor FULLFLEX Datasheet HTML 46Page - Cypress Semiconductor FULLFLEX Datasheet HTML 47Page - Cypress Semiconductor FULLFLEX Datasheet HTML 48Page - Cypress Semiconductor FULLFLEX Datasheet HTML 49Page - Cypress Semiconductor FULLFLEX Datasheet HTML 50Page - Cypress Semiconductor FULLFLEX Datasheet HTML 51Page - Cypress Semiconductor FULLFLEX Datasheet HTML 52Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 49 of 52
Document History Page
Document Title: FullFlex™ Synchronous SDR Dual Port SRAM
Document Number: 38-06082
REV.
ECN NO. Submission
Date
Orig. of
Change
Description of Change
**
302411
See ECN
YDT
New data sheet
*A
334036
See ECN
YDT
Corrected typo on page 1
Reproduced PDF file to fix formatting errors
*B
395800
See ECN
SPN
Added statement about no echo clocks for flow through mode
Updated electrical characteristics
Added note 16 and 17 (1.5 V timing)
Added note 33 (timing for x18 devices)
Updated input edge rate (note 34)
Updated table 5 on deterministic access control logic
Added description of busy readback in deterministic access control section
Changed dummy write descriptions
Updated ZQ pins connection details
Updated note 24, B0 to BE0
Added power supply requirements to MRST and VC_SEL
Added note 4 (VIM disable)
Updated supply voltage to ground potential to 4.1 V
Updated parameters on table 15
Updated and added parameters to table 16
Updated x72 pinout to SDR only pinout
Updated 484 PBGA pin diagram
Updated the pin definition of MRST
Updated the pin definition of VC_SEL
Updated READY description to include Wired OR note
Updated master reset to include wired OR note for READY
Updated minimum VOH value for the 1.8 V LVCMOS configuration
Updated electrical characteristics to include IOH and IOL values
Updated electrical characteristics to include READY
Added IIX3
Updated maximum input capacitance
Added Notes 33 and 34Removed Notes 15 and 17
Updated Pin Definitions for CQ0, CQ0, CQ1, and CQ1
Removed -100 Speed bin from Table.1 Selection Guide
Changed voltage name from VDDQ to VDDIO
Changed voltage name from VDD to VCORE
Moved the Mailbox Interrupt Timing Diagram to be the final timing diagram
Updated the Package Type for the CYD36S18V18 parts
Updated the Package Type for the CYD36S18V18 parts
Updated the Package Type for the CYD18S18V18 parts
Updated the Package Type for the CYD18S36V18 parts
Included the Package Diagram for the 256-Ball FBGA (19 x 19 mm) BW256
Included an OE Controlled Write for Flow through Mode Switching Waveform
Included a Read with Echo Clock Switching Waveform
Updated Figure 5 and Figure 6
Updated Electrical Characteristics for READY VOH and READY V
Updated Electrical Characteristics for VOH and VOL for the -167 and -133 speeds
Included a Unit column for Table 5
Removed Switching Characteristic tCA from chart
Included tOHZ in Switching Waveform OE Controlled Write for Pipelined Mode
Included tCKLZ2 in Waveform Read-to-Write-to-Read for Flow through Mode
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com