Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FULLFLEX Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 15Page - Cypress Semiconductor FULLFLEX Datasheet HTML 16Page - Cypress Semiconductor FULLFLEX Datasheet HTML 17Page - Cypress Semiconductor FULLFLEX Datasheet HTML 18Page - Cypress Semiconductor FULLFLEX Datasheet HTML 19Page - Cypress Semiconductor FULLFLEX Datasheet HTML 20Page - Cypress Semiconductor FULLFLEX Datasheet HTML 21Page - Cypress Semiconductor FULLFLEX Datasheet HTML 22Page - Cypress Semiconductor FULLFLEX Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 19 of 52
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. User guidelines are not tested.
Storage temperature............................... –65 °C to + 150 °C
Ambient temperature with
power applied .......................................... –55 °C to + 125 °C
Supply voltage to ground potential ..............–0.5 V to + 4.1 V
DC voltage applied to
outputs in high Z State...................... –0.5 V to VDDIO + 0.5 V
DC input voltage ............................... –0.5 V to VDDIO + 0.5 V
Output current into outputs (LOW) ............................. 20 mA
Static discharge voltage........................................... > 2200 V
(JEDEC JESD8-6, JESD8-B)
Latch-up current ..................................................... > 200 mA
Operating Range
Range
Ambient
Temperature
VCORE
Commercial
0 °C to +70 °C
1.8 V
 100 mV
1.5 V
80 mV
Industrial
–40 °C to +85 °C
1.8 V
 100 mV
1.5 V
80 mV
Power Supply Requirements
Min
Typ
Max
LVTTL VDDIO
3.0 V
3.3 V
3.6 V
2.5 V LVCMOS VDDIO
2.3 V
2.5 V
2.7 V
HSTL VDDIO
1.4 V
1.5 V
1.9 V
1.8 V LVCMOS VDDIO
1.7 V
1.8 V
1.9 V
3.3 V VTTL
3.0 V
3.3 V
3.6 V
2.5 V VTTL
2.3 V
2.5 V
2.7 V
HSTL VREF
0.68 V 0.75 V 0.95 V
Electrical Characteristics
Over the Operating Range
Parameter
Description
Configuration
All Speed Bins
Unit
Min
Typ
Max
VOH
Output HIGH voltage
(VDDIO = Min, IOH = –8 mA)
LVTTL
2.4[40]
––
V
(VDDIO = Min, IOH = –4 mA)
HSTL (DC)[41]
VDDIO – 0.4[40]
––
V
(VDDIO = Min, IOH = –4 mA)
HSTL (AC)[41]
VDDIO – 0.5[40]
––
V
(VDDIO = Min, IOH = –6 mA)
2.5 V LVCMOS
1.7[40]
––
V
(VDDIO = Min, IOH = –4 mA)
1.8 V LVCMOS
VDDIO – 0.45[40]
––
V
VOL
Output HIGH voltage
(VDDIO = Min, IOL = 8 mA)
LVTTL
–
–
0.4[40]
V
(VDDIO = Min, IOL = 4 mA)
HSTL(DC)[41]
––
0.4[40]
V
(VDDIO = Min, IOL = 4 mA)
HSTL (AC)[41]
––
0.5[40]
V
(VDDIO = Min, IOL = 6 mA)
2.5 V LVCMOS
–
–
0.7[40]
V
(VDDIO = Min, IOL = 4 mA)
1.8 V LVCMOS
–
–
0.45[40]
V
VIH
Input HIGH voltage
LVTTL
2
–
VDDIO + 0.3
V
HSTL(DC)[41]
VREF + 0.1
–
VDDIO + 0.3
V
2.5 V LVCMOS
1.7
–
V
1.8 V LVCMOS
0.65 × VDDIO
–
V
VIL
Input LOW voltage
LVTTL
–0.3
–
0.8
V
HSTL(DC)[41]
–0.3
–
VREF – 0.1
V
2.5 V LVCMOS
–
–
0.7
V
1.8 V LVCMOS
–
–
0.35 × VDDIO
V
Notes
40. These parameters are met with VIM disabled.
41. The DC specifications are measured under steady state conditions. The AC specifications are measured while switching at speed. AC VIH/VIL in HSTL mode
are measured with 1 V/ns input edge rates.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com