Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FULLFLEX Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 24Page - Cypress Semiconductor FULLFLEX Datasheet HTML 25Page - Cypress Semiconductor FULLFLEX Datasheet HTML 26Page - Cypress Semiconductor FULLFLEX Datasheet HTML 27Page - Cypress Semiconductor FULLFLEX Datasheet HTML 28Page - Cypress Semiconductor FULLFLEX Datasheet HTML 29Page - Cypress Semiconductor FULLFLEX Datasheet HTML 30Page - Cypress Semiconductor FULLFLEX Datasheet HTML 31Page - Cypress Semiconductor FULLFLEX Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 28 of 52
Table 15. Master Reset Timing
Parameter
Description
-200
-167
Unit
Min
Max
Min
Max
tPUP
Power-up time
1
–
1
–
ms
tRS
Master reset pulse width
5
–
5
–
cycles
tRSR
Master reset recovery time
5
–
5
–
cycles
tRSF
Master reset to outputs inactive/Hi Z
–
15
–
18
ns
tRDY[54]
Master reset release to port ready
–
1024
–
1024
cycles
tCORDY[55]
C rise to port ready
–
9.5[56]
–11[56]
ns
Table 16. JTAG Timing
Parameter
Description
-200
-167
Unit
Min
Max
Min
Max
fJTAG
JTAG TAP controller frequency
–
20
–
20
MHz
tTCYC
TCK cycle time
50–50–
ns
tTH
TCK high time
20
–
20
–
ns
tTL
TCK low time
20–20–
ns
tTMSS
TMS setup to TCK rise
10
–
10
–
ns
tTMSH
TMS hold to TCK rise
10–10–
ns
tTDIS
TDI setup to TCK rise
10
–
10
–
ns
tTDIH
TDI hold to TCK rise
10
–
10
–
ns
tTDOV
TCK low to TDO valid
–
10
–
10
ns
tTDOX
TCK low to TDO invalid
0
–
0
–
ns
tJXZ
TCK low to TDO high Z
–
15
–
15
ns
tJZX
TCK low to TDO active
–15–15
ns
tJZX
TCK low to TDO active
–15–15
ns
.
Notes
54. READY is a wired OR capable output with a weak pull-down. For a decreased falling delay, connect a 250-
 resistor to VSS.
55. Add this propagation delay after tRDY for all Master Reset Operations.
56. Add 15% to this parameter if a VCORE of 1.5 V is used.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com