Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FULLFLEX Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 2 Page - Cypress Semiconductor

  FULLFLEX Datasheet HTML 1Page - Cypress Semiconductor FULLFLEX Datasheet HTML 2Page - Cypress Semiconductor FULLFLEX Datasheet HTML 3Page - Cypress Semiconductor FULLFLEX Datasheet HTML 4Page - Cypress Semiconductor FULLFLEX Datasheet HTML 5Page - Cypress Semiconductor FULLFLEX Datasheet HTML 6Page - Cypress Semiconductor FULLFLEX Datasheet HTML 7Page - Cypress Semiconductor FULLFLEX Datasheet HTML 8Page - Cypress Semiconductor FULLFLEX Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 2 of 52
Logic Block Diagram
The Logic Block Diagram for FullFlex72, FullFlex36, and FullFlex18 family follows: [1, 2, 3]
FTSELL
PORTSTD[1:0]L
DQ[71:0]L
BE [7:0]L
R/WL
FTSELR
PORTSTD[1:0]R
DQ [71:0]R
BE [7:0]R
CE0R
CE1R
OER
R/WR
A [20:0]L
CNT/MSKL
ADSL
CNTENL
CNTRSTL
RETL
CNTINTL
CL
WRPL
A [20:0]R
CNT/MSKR
ADSR
CNTENR
CNTRSTR
RETR
CNTINTR
CR
WRPR
CONFIG Block
CONFIG Block
IO
Control
IO
Control
Address &
Counter Logic
Address &
Counter Logic
INTL
TRST
TMS
TDI
TDO
TCK
JTAG
MRST
READYR
LowSPDR
READYL
LowSPDL
RESET
LOGIC
INTR
BUSYL
BUSYR
Mailboxes
Collision Detection Logic
Dual Port Array
CQENL
CQENR
CE0L
CE1L
OEL
CQ1R
CQ1R
CQ0R
CQ0R
CQ0L
CQ0L
CQ1L
CQ1L
ZQ0R
ZQ1R
ZQ0L
ZQ1L
Notes
1. The CYD36S18V18 device has 21 address bits. The CYD36S36V18 and CYD18S18V18 devices have 20 address bits. The CYD36S72V18, CYD18S36V18, and
CYD09S18V18 devices have 19 address bits. The CYD18S72V18 and CYD09S36V18 devices have 18 address bits. The CYD09S72V18 device has 17 address bits.
The CYD02S36V18 has 16 address bits.
2. The FullFlex72 family of devices has 72 data lines. The FullFlex36 family of devices has 36 data lines. The FullFlex18 family of devices has 18 data lines.
3. The FullFlex72 family of devices has eight byte enables. The FullFlex36 family of devices has four byte enables. The FullFlex18 family of devices has two byte enables.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com